Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 191 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 191 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 187Page - ATMEL Corporation AT90USB646 Datasheet HTML 188Page - ATMEL Corporation AT90USB646 Datasheet HTML 189Page - ATMEL Corporation AT90USB646 Datasheet HTML 190Page - ATMEL Corporation AT90USB646 Datasheet HTML 191Page - ATMEL Corporation AT90USB646 Datasheet HTML 192Page - ATMEL Corporation AT90USB646 Datasheet HTML 193Page - ATMEL Corporation AT90USB646 Datasheet HTML 194Page - ATMEL Corporation AT90USB646 Datasheet HTML 195Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 456 page
background image
191
7593L–AVR–09/12
AT90USB64/128
Figure 19-7. Stop bit sampling and next start bit sampling.
The same majority voting is done to the stop bit as done for the other bits in the frame. If the stop
bit is registered to have a logic 0 value, the Frame Error (FEn) Flag will be set.
A new high to low transition indicating the start bit of a new frame can come right after the last of
the bits used for majority voting. For Normal Speed mode, the first low level sample can be at
point marked (A) in Figure 19-7. For Double Speed mode the first low level must be delayed to
(B). (C) marks a stop bit of full length. The early start bit detection influences the operational
range of the Receiver.
19.7.3
Asynchronous Operational Range
The operational range of the Receiver is dependent on the mismatch between the received bit
rate and the internally generated baud rate. If the Transmitter is sending frames at too fast or too
slow bit rates, or the internally generated baud rate of the Receiver does not have a similar (see
Table 19-2 on page 192) base frequency, the Receiver will not be able to synchronize the
frames to the start bit.
The following equations can be used to calculate the ratio of the incoming data rate and internal
receiver baud rate.
D
Sum of character size and parity size (D = 5 to 10 bit)
S
Samples per bit. S = 16 for Normal Speed mode and S = 8 for Double Speed
mode
S
F
First sample number used for majority voting. S
F = 8 for normal speed and SF = 4
for Double Speed mode
S
M
Middle sample number used for majority voting. S
M = 9 for normal speed and
S
M = 5 for Double Speed mode
R
slow
is the ratio of the slowest incoming data rate that can be accepted in relation to the
receiver baud rate. R
fast is the ratio of the fastest incoming data rate that can be
accepted in relation to the receiver baud rate
Table 19-2 on page 192 and Table 19-3 on page 192 list the maximum receiver baud rate error
that can be tolerated. Note that Normal Speed mode has higher toleration of baud rate
variations.
12
34
56
7
8
9
10
0/1
0/1
0/1
STOP 1
123
4
5
60/1
RxD
Sample
(U2X = 0)
Sample
(U2X = 1)
(A)
(B)
(C)
Rslow
D 1
+
()S
S 1
–
DS
⋅
SF
++
-------------------------------------------
=
Rfast
D 2
+
()S
D 1
+
()SS
M
+
-----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com