Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 197 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 197 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 193Page - ATMEL Corporation AT90USB646 Datasheet HTML 194Page - ATMEL Corporation AT90USB646 Datasheet HTML 195Page - ATMEL Corporation AT90USB646 Datasheet HTML 196Page - ATMEL Corporation AT90USB646 Datasheet HTML 197Page - ATMEL Corporation AT90USB646 Datasheet HTML 198Page - ATMEL Corporation AT90USB646 Datasheet HTML 199Page - ATMEL Corporation AT90USB646 Datasheet HTML 200Page - ATMEL Corporation AT90USB646 Datasheet HTML 201Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 456 page
background image
197
7593L–AVR–09/12
AT90USB64/128
• Bit 3 – USBSn: Stop Bit select
This bit selects the number of stop bits to be inserted by the Transmitter. The Receiver ignores
this setting.
• Bit 2:1 – UCSZn1:0: Character size
The UCSZn1:0 bits combined with the UCSZn2 bit in UCSRnB sets the number of data bits
(Character SiZe) in a frame the Receiver and Transmitter use.
• Bit 0 – UCPOLn: Clock polarity
This bit is used for synchronous mode only. Write this bit to zero when asynchronous mode is
used. The UCPOLn bit sets the relationship between data output change and data input sample,
and the synchronous clock (XCKn).
19.9.5
UBRRLn and UBRRHn – USART baud rate registers
Table 19-6.
USBS bit settings.
USBSn
Stop bit(s)
01-bit
12-bit
Table 19-7.
UCSZn bits settings.
UCSZn2
UCSZn1
UCSZn0
Character size
0
0
0
5-bit
0
0
1
6-bit
0
1
0
7-bit
0
1
1
8-bit
100
Reserved
101
Reserved
110
Reserved
1
1
1
9-bit
Table 19-8.
UCPOLn bit settings.
UCPOLn
Transmitted data changed
(output of TxDn pin)
Received data sampled
(input on RxDn pin)
0
Rising XCKn edge
Falling XCKn edge
1
Falling XCKn edge
Rising XCKn edge
Bit
15
141312
1110
9
8
–
–
–
–
UBRR[11:8]
UBRRHn
UBRR[7:0]
UBRRLn
76
54
32
10
Read/write
RR
RR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00
00
00
00
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com