Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 198 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 198 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 194Page - ATMEL Corporation AT90USB646 Datasheet HTML 195Page - ATMEL Corporation AT90USB646 Datasheet HTML 196Page - ATMEL Corporation AT90USB646 Datasheet HTML 197Page - ATMEL Corporation AT90USB646 Datasheet HTML 198Page - ATMEL Corporation AT90USB646 Datasheet HTML 199Page - ATMEL Corporation AT90USB646 Datasheet HTML 200Page - ATMEL Corporation AT90USB646 Datasheet HTML 201Page - ATMEL Corporation AT90USB646 Datasheet HTML 202Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 456 page
background image
198
7593L–AVR–09/12
AT90USB64/128
• Bit 15:12 – Reserved bits
These bits are reserved for future use. For compatibility with future devices, these bit must be
written to zero when UBRRH is written.
• Bit 11:0 – UBRR11:0: USART baud rate register
This is a 12-bit register which contains the USART baud rate. The UBRRH contains the four
most significant bits, and the UBRRL contains the eight least significant bits of the USART baud
rate. Ongoing transmissions by the Transmitter and Receiver will be corrupted if the baud rate is
changed. Writing UBRRL will trigger an immediate update of the baud rate prescaler.
19.10 Examples of baud rate setting
For standard crystal and resonator frequencies, the most commonly used baud rates for asyn-
chronous operation can be generated by using the UBRR settings in Table 19-9 to Table 19-12
on page 201. UBRR values which yield an actual baud rate differing less than 0.5% from the tar-
get baud rate, are bold in the table. Higher error ratings are acceptable, but the Receiver will
have less noise resistance when the error ratings are high, especially for large serial frames (see
“Asynchronous Operational Range” on page 191). The error values are calculated using the fol-
lowing equation:
Error[%]
BaudRate
Closest Match
BaudRate
--------------------------------------------------------
1
–
⎝⎠
⎛⎞
100%
•
=
Table 19-9.
Examples of UBRRn settings for commonly used oscillator frequencies.
Baud
rate
[bps]
f
osc = 1.0000MHz
f
osc = 1.8432MHz
f
osc = 2.0000MHz
U2Xn = 0U2Xn = 1
U2Xn = 0U2Xn = 1U2Xn = 0U2Xn = 1
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
UBRR
Error
2400
250.2%510.2%47
0.0%
950.0%510.2%
103
0.2%
4800
120.2%250.2%23
0.0%
470.0%250.2%510.2%
9600
6
-7.0%
12
0.2%
11
0.0%
23
0.0%
12
0.2%
25
0.2%
14.4k
3
8.5%
8
-3.5%
7
0.0%
15
0.0%
8
-3.5%
16
2.1%
19.2k
2
8.5%
6
-7.0%
5
0.0%
11
0.0%
6
-7.0%
12
0.2%
28.8k
1
8.5%
3
8.5%
3
0.0%
7
0.0%
3
8.5%
8
-3.5%
38.4k
1
-18.6%
2
8.5%
2
0.0%
5
0.0%
2
8.5%
6
-7.0%
57.6k
0
8.5%
1
8.5%
1
0.0%
3
0.0%
1
8.5%
3
8.5%
76.8k
–
–
1
-18.6%
1
-25.0%
2
0.0%
1
-18.6%
2
8.5%
115.2k
–
–
0
8.5%
0
0.0%
1
0.0%
0
8.5%
1
8.5%
230.4k
–
–
–––
–0
0.0%
–––
–
250k
–
–
–––
–––
––0
0.0%
Max. (1)
62.5kbps
125kbps
115.2kbps
230.4kbps
125kbps
250kbps
1.
UBRR = 0, Error = 0.0%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com