Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 238 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 238 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 234Page - ATMEL Corporation AT90USB646 Datasheet HTML 235Page - ATMEL Corporation AT90USB646 Datasheet HTML 236Page - ATMEL Corporation AT90USB646 Datasheet HTML 237Page - ATMEL Corporation AT90USB646 Datasheet HTML 238Page - ATMEL Corporation AT90USB646 Datasheet HTML 239Page - ATMEL Corporation AT90USB646 Datasheet HTML 240Page - ATMEL Corporation AT90USB646 Datasheet HTML 241Page - ATMEL Corporation AT90USB646 Datasheet HTML 242Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 456 page
background image
238
7593L–AVR–09/12
AT90USB64/128
Figure 21-19. Formats and states in the Slave Transmitter mode.
21.8.5
Miscellaneous states
There are two status codes that do not correspond to a defined TWI state, see Table 21-7.
Status 0xF8 indicates that no relevant information is available because the TWINT Flag is not
set. This occurs between other states, and when the TWI is not involved in a serial transfer.
Status 0x00 indicates that a bus error has occurred during a 2-wire Serial Bus transfer. A bus
error occurs when a START or STOP condition occurs at an illegal position in the format frame.
Examples of such illegal positions are during the serial transfer of an address byte, a data byte,
or an acknowledge bit. When a bus error occurs, TWINT is set. To recover from a bus error, the
TWSTO Flag must set and TWINT must be cleared by writing a logic one to it. This causes the
TWI to enter the not addressed Slave mode and to clear the TWSTO Flag (no other bits in
TWCR are affected). The SDA and SCL lines are released, and no STOP condition is
transmitted.
21.8.6
Combining several TWI modes
In some cases, several TWI modes must be combined in order to complete the desired action.
Consider for example reading data from a serial EEPROM. Typically, such a transfer involves
the following steps:
1.
The transfer must be initiated.
2.
The EEPROM must be instructed what location should be read.
3.
The reading must be performed.
4.
The transfer must be finished.
S
SLA
R
A
DATA
A
$A8
$B8
A
$B0
Reception of the own
slave address and one or
more data bytes
Last data byte transmitted.
Switched to not addressed
slave (TWEA = '0')
Arbitration lost as master
and addressed as slave
n
From master to slave
From slave to master
Any number of data bytes
and their associated acknowledge bits
This number (contained in TWSR) corresponds
to a defined state of the Two-Wire Serial Bus. The
prescaler bits are zero or masked to zero
P or S
DATA
$C0
DATA
A
A
$C8
P or S
All 1's
A
Table 21-7.
Miscellaneous states.
Status code
(TWSR)
prescaler bits
are 0
Status of the 2-wire serial bus
and 2-wire serial interface
hardware
Application software response
Next action taken by TWI hardware
To/from TWDR
To TWCR
STA
STO
TWINT
TWEA
0xF8
No relevant state information
available; TWINT = “0”
No TWDR action
No TWCR action
Wait or proceed current transfer
0x00
Bus error due to an illegal
START or STOP condition
No TWDR action
0
1
1
X
Only the internal hardware is affected, no STOP con-
dition is sent on the bus. In all cases, the bus is re-
leased and TWSTO is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com