Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 241 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 241 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 237Page - ATMEL Corporation AT90USB646 Datasheet HTML 238Page - ATMEL Corporation AT90USB646 Datasheet HTML 239Page - ATMEL Corporation AT90USB646 Datasheet HTML 240Page - ATMEL Corporation AT90USB646 Datasheet HTML 241Page - ATMEL Corporation AT90USB646 Datasheet HTML 242Page - ATMEL Corporation AT90USB646 Datasheet HTML 243Page - ATMEL Corporation AT90USB646 Datasheet HTML 244Page - ATMEL Corporation AT90USB646 Datasheet HTML 245Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 456 page
background image
241
7593L–AVR–09/12
AT90USB64/128
22. USB controller
22.1
Features
• Support full-speed and low-speed
• Support ping-pong mode (dual bank)
• 832 bytes of DPRAM:
– One endpoint 64 bytes maximum (default control endpoint)
– One endpoint of 256 bytes maximum (one or two banks)
– Five endpoints of 64 bytes maximum (one or two banks)
22.2
Block diagram
The USB controller provides the hardware to interface a USB link to a data flow stored in a dou-
ble port memory (DPRAM).
The USB controller requires a 48MHz ±0.25% reference clock (for Full-Speed operation), which
is the output of an internal PLL. The PLL generates the internal high frequency (48MHz) clock
for USB interface, the PLL input is generated from an external lower frequency (the crystal oscil-
lator or external clock input pin from XTAL1; to satisfy the USB frequency accuracy and jitter,
only this clock source allows proper functionnality of the USB controller).
The 48MHz clock is used to generate a 12MHz Full-speed (or 1.5MHz Low-Speed) bit clock
from the received USB differential data and to transmit data according to full or low speed USB
device tolerance. Clock recovery is done by a Digital Phase Locked Loop (DPLL) block, which is
compliant with the jitter specification of the USB bus.
To comply with the USB Electrical specification, USB Pads (D+ or D-) should be powered within
the 3.0 to 3.6V range. As Atmel AT90USB64/128 can be powered up to 5.5V, an internal regula-
tor provides the USB pads power supply.
Figure 22-1. USB controller block diagram overview.
CPU
USB regulator
USB
interface
PLL
24x
clk
2MHz
clk
48MHz
PLL clock
prescaler
On-Chip
USB DPRAM
DPLL
clock
recovery
UCAP
D-
D+
VBUS
UID
UVCC
AVCC
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com