Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 243 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 243 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 239Page - ATMEL Corporation AT90USB646 Datasheet HTML 240Page - ATMEL Corporation AT90USB646 Datasheet HTML 241Page - ATMEL Corporation AT90USB646 Datasheet HTML 242Page - ATMEL Corporation AT90USB646 Datasheet HTML 243Page - ATMEL Corporation AT90USB646 Datasheet HTML 244Page - ATMEL Corporation AT90USB646 Datasheet HTML 245Page - ATMEL Corporation AT90USB646 Datasheet HTML 246Page - ATMEL Corporation AT90USB646 Datasheet HTML 247Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 456 page
background image
243
7593L–AVR–09/12
AT90USB64/128
Figure 22-4. Typical bus powered application with 3V I/O.
22.3.1.2
Self powered device
Figure 22-5. Typical self powered application with 3.4V to 5.5V I/O.
1µF
UVSS
External
3V regulator
UDP
UDM
VBUS
UVSS
UID
UCAP
D-
D+
VBUS
UID
UGND
UVCC
AVCC
VCC
XTAL1
XTAL2
GND
GND
Rs = 22
Rs = 22
1µF
External 3.4V - 5.5V
power supply
UDP
UDM
VBUS
UVSS
UID
UCAP
D-
D+
VBUS
UID
UGND
UVCC
AVCC
VCC
XTAL1
XTAL2
GND
GND
Rs = 22
Rs = 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com