Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 250 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 250 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 246Page - ATMEL Corporation AT90USB646 Datasheet HTML 247Page - ATMEL Corporation AT90USB646 Datasheet HTML 248Page - ATMEL Corporation AT90USB646 Datasheet HTML 249Page - ATMEL Corporation AT90USB646 Datasheet HTML 250Page - ATMEL Corporation AT90USB646 Datasheet HTML 251Page - ATMEL Corporation AT90USB646 Datasheet HTML 252Page - ATMEL Corporation AT90USB646 Datasheet HTML 253Page - ATMEL Corporation AT90USB646 Datasheet HTML 254Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 456 page
background image
250
7593L–AVR–09/12
AT90USB64/128
Figure 22-13. USB general and OTG controller interrupt system.
There are two kinds of interrupts: processing (that is, their generation are part of the normal pro-
cessing) and exception (errors).
Processing interrupts are generated when such events occur:
• USB ID Pad change detection (insert, remove)(IDTI)
• VBUS plug-in detection (insert, remove) (VBUSTI)
• SRP detected(SRPI)
• Role Exchanged(ROLEEXI)
Exception Interrupts are generated with the following events:
• Drop on VBus Detected(VBERRI)
• Error during the B-Connection(BCERRI)
• HNP Error(HNPERRI)
• Time-out detected during Suspend mode(STOII)
22.5
Power modes
22.5.1
Idle mode
In this mode, the CPU core is halted (CPU clock stopped). The Idle mode is taken wether the
USB controller is running or not. The CPU “wakes up” on any USB interrupts.
22.5.2
Power down
In this mode, the oscillator is stopped and halts all the clocks (CPU and peripherals). The USB
controller “wakes up” when:
• the WAKEUPI interrupt is triggered in the Peripheral mode (HOST cleared)
IDTE
USBCON.1
IDTI
USBINT.1
VBUSTI
USBINT.0
VBUSTE
USBCON.0
STOI
OTGINT.5
STOE
OTGIEN.5
HNPERRI
OTGINT.4
HNPERRE
OTGIEN.4
ROLEEXI
OTGINT.3
ROLEEXE
OTGIEN.3
BCERRI
OTGINT.2
BCERRE
OTGIEN.2
VBERRI
OTGINT.1
VBERRE
OTGIEN.1
SRPI
OTGINT.0
SRPE
OTGIEN.0
USB general & OTG
interrupt vector
Asynchronous interrupt source
(allows the CPU to wake up from power down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com