Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 253 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 253 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 249Page - ATMEL Corporation AT90USB646 Datasheet HTML 250Page - ATMEL Corporation AT90USB646 Datasheet HTML 251Page - ATMEL Corporation AT90USB646 Datasheet HTML 252Page - ATMEL Corporation AT90USB646 Datasheet HTML 253Page - ATMEL Corporation AT90USB646 Datasheet HTML 254Page - ATMEL Corporation AT90USB646 Datasheet HTML 255Page - ATMEL Corporation AT90USB646 Datasheet HTML 256Page - ATMEL Corporation AT90USB646 Datasheet HTML 257Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 456 page
background image
253
7593L–AVR–09/12
AT90USB64/128
both Pipe/Endpoint 4 and 5 use a common area. The data of those endpoints are potentially
lost
Note that:
• the data of Pipe/Endpoint 0 are never lost whatever the activation or deactivation of the
higher Pipe/Endpoint. Its data is lost if it is deactivated
• Deactivate and reactivate the same Pipe/Endpoint with the same parameters does not lead
to a “slide” of the higher endpoints. For those endpoints, the data are preserved
• CFGOK is set by hardware even in the case where there is a “conflict” in the memory
allocation
22.8
PAD suspend
The next figures illustrates the pad behaviour:
• In the “idle” mode, the pad is put in low power consumption mode
• In the “active” mode, the pad is working
Figure 22-15. Pad behaviour.
The SUSPI flag indicated that a suspend state has been detected on the USB bus. This flag
automatically put the USB pad in Idle. The detection of a non-idle event sets the WAKEUPI flag
and wakes-up the USB pad.
Moreover, the pad can also be put in the “idle” mode if the DETACH bit is set. It come back in
the active mode when the DETACH bit is cleared.
Idle mode
Active mode
USBE=1
& DETACH=0
& suspend
USBE=0
| DETACH=1
| suspend
SUSPI
Suspend detected = USB pad power down
Clear suspend by software
Resume = USB pad wake-up
Clear resume by software
WAKEUPI
PAD status
Active
Power Down
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com