Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 256 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 256 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 252Page - ATMEL Corporation AT90USB646 Datasheet HTML 253Page - ATMEL Corporation AT90USB646 Datasheet HTML 254Page - ATMEL Corporation AT90USB646 Datasheet HTML 255Page - ATMEL Corporation AT90USB646 Datasheet HTML 256Page - ATMEL Corporation AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 456 page
background image
256
7593L–AVR–09/12
AT90USB64/128
22.11 ID detection
The ID pin transition is detected thanks to the following architecture:
Figure 22-17. ID detection input block diagram.
The ID pin can be used to detect the USB mode (Peripheral or Host) or software selected. This
allows the UID pin to be used has general purpose I/O even when USB interface is enable.
When the UID pin is selected, by default, (no A-plug or B-plug), the macro is in the Peripheral
mode (internal pull-up). The IDTI interrupt is triggered when a A-plug (Host) is plugged or
unplugged. The interrupt is not triggered when a B-plug (Periph) is plugged or unplugged.
ID detection is independent of USB global interface enable.
22.12 Registers description
22.12.1
USB general registers
• 7 – UIMOD: USB Mode bit
This bit has no effect when the UIDE bit is set (external UID pin activated). Set to enable the
USB device mode. Clear to enable the USB host mode
• 6 – UIDE: UID pin Enable
Set to enable the USB mode selection (peripheral/host) through the UID pin. Clear to enable the
USB mode selection (peripheral/host) with UIMOD bit register.
UIDE should be modified only when the USB interface is disabled (USBE bit cleared).
• 5 – Reserved
The value read from this bit is always 0. Do not set this bit.
• 4 – UVCONE: UVCON pin Enable
Set to enable the UVCON pin control. Clear to disable the UVCON pin control. This bit should be
set only when the USB interface is enable.
UIMOD
UHWCON.7
UID
ID
USBSTA.1
Internal pull up
VDD
UIDE
UHWCON.6
1
0
Bit
7
6
5
4
321
0
UIMOD
UIDE
UVCONE
UVREGE
UHWCON
Read/write
R/W
R/W
R
R/W
R
R
R
R/W
Initial value
1
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com