Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 260 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 256Page - ATMEL Corporation AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 456 page
background image
260
7593L–AVR–09/12
AT90USB64/128
• 7-6 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 5 – STOE: Suspend Time-out Error Interrupt Enable bit
Set to enable the STOI interrupt. Clear to disable the STOI interrupt.
• 4 – HNPERRE: HNP Error Interrupt Enable bit
Set to enable the HNPERRI interrupt. Clear to disable the HNPERRI interrupt.
• 3 – ROLEEXE: Role Exchange Interrupt Enable bit
Set to enable the ROLEEXI interrupt. Clear to disable the ROLEEXI interrupt.
• 2 – BCERRE: B-Connection Error Interrupt Enable bit
Set to enable the BCERRI interrupt. Clear to disable the BCERRI interrupt.
• 1 – VBERRE: VBus Error Interrupt Enable bit
Set to enable the VBERRI interrupt. Clear to disable the VBERRI interrupt.
• 0 – SRPE: SRP Interrupt Enable bit
Set to enable the SRPI interrupt. Clear to disable the SRPI interrupt.
• 7-6 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 5 – STOI: Suspend Time-out Error Interrupt flag
Set by hardware when a time-out error (more than 150ms) has been detected after a suspend.
Shall be cleared by software.
• 4 – HNPERRI: HNP Error Interrupt flag
Set by hardware when an error has been detected during the protocol. Shall be cleared by
software.
• 3 – ROLEEXI: Role Exchange Interrupt flag
Set by hardware when the USB controller has successfully swapped its mode, due to an HNP
negotiation: Host to Device or Device to Host. However the mode selection bit (Host/Device) is
unchanged and must be changed by firmware in order to reach the correct RAM locations and
events bits. Shall be cleared by software.
Bit
7
6
5
4
3
2
1
0
-
-
STOE
HNPERRE
ROLEEXE
BCERRE
VBERRE
SRPE
OTGIEN
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
210
-
-
STOI
HNPERRI
ROLEEXI
BCERRI
VBERRI
SRPI
OTGINT
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com