Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 261 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 456 page
background image
261
7593L–AVR–09/12
AT90USB64/128
• 2 – BCERRI: B-Connection Error Interrupt flag
Set by hardware when an error occur during the B-Connection (that is, if Peripheral has not con-
nected after 300ms of Vbus delivery request). Shall be cleared by software.
• 1 – VBERRI: V-Bus Error Interrupt flag
Set by hardware when a drop on VBus has been detected. Shall be cleared by software.
• 0 – SRPI: SRP Interrupt flag
Set by hardware when a SRP has been detected. Shall be used in the Host mode only. Shall be
cleared by software.
22.13 USB Software Operating modes
Depending on the USB operating mode, the software should perform some the following
operations:
Power On the USB interface
•Power-On USB pads regulator
• Configure PLL interface
• Enable PLL and wait PLL lock
• Enable USB interface
• Configure USB interface (USB speed, Endpoints configuration...)
• Wait for USB VBUS information connection
• Attach USB device
Power Off the USB interface
• Detach USB interface
• Disable USB interface
• Disable PLL
• Disable USB pad regulator
Suspending the USB interface
• Clear Suspend Bit
• Freeze USB clock
• Disable PLL
• Be sure to have interrupts enable to exit sleep mode
• Make the MCU enter sleep mode
Resuming the USB interface
•Enable PLL
• Wait PLL lock
• Unfreeze USB clock
• Clear Resume information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com