Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 259 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 259 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 255Page - ATMEL Corporation AT90USB646 Datasheet HTML 256Page - ATMEL Corporation AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 456 page
background image
259
7593L–AVR–09/12
AT90USB64/128
• 4 – SRPREQ: SRP Request bit
Set to initiate the SRP when the controller is in Device mode. Cleared by hardware when the
controller is initiating a SRP.
• 3 – SRPSEL: SRP Selection bit
Set to choose VBUS pulsing as SRP method.
Clear to choose data line pulsing as SRP method.
• 2 – VBUSHWC: VBus Hardware Control bit
Set to disable the hardware control over the UVCON pin.
Clear to enable the hardware control over the UVCON pin.
See for more details
• 1 – VBUSREQ: VBUS Request bit
Set to assert the UVCON pin in order to enable the VBUS power supply generation. This bit
shall be used when the controller is in the Host mode.
Cleared by hardware when VBUSRQC is set.
• 0 – VBUSRQC: VBUS Request Clear bit
Set to deassert the UVCON pin in order to enable the VBUS power supply generation. This bit
shall be used when the controller is in the Host mode.
Cleared by hardware immediately after the set.
• 7 – Reserved
This bit is reserved and always set.
• 6-5 – PAGE: Timer page access bit
Set/clear to access a special timer register. See Section 22.9, page 254 for more details.
• 4-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 1-0 – VALUE: Value bit
Set to initialize the new value of the timer. See Section 22.9, page 254 for more details.
Bit
7
6
5
4
3
2
1
0
-
PAGE
-
-
-
VALUE
OTGTCON
Read/write
R
R/W
R/W
R
R
R/W
R/W
R/W
Initial value
1
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com