Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 255 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 255 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 251Page - ATMEL Corporation AT90USB646 Datasheet HTML 252Page - ATMEL Corporation AT90USB646 Datasheet HTML 253Page - ATMEL Corporation AT90USB646 Datasheet HTML 254Page - ATMEL Corporation AT90USB646 Datasheet HTML 255Page - ATMEL Corporation AT90USB646 Datasheet HTML 256Page - ATMEL Corporation AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 456 page
background image
255
7593L–AVR–09/12
AT90USB64/128
22.10 Plug-in detection
The USB connection is detected by the VBUS pad, thanks to the following architecture:
Figure 22-16. Plug-in detection input block diagram.
The control logic of the VBUS pad outputs a signal regarding the VBUS voltage level:
• The “Session_valid” signal is active high when the voltage on the VBUS pad is higher or
equal to 1.4V. If lower than 1.4V, the signal is not active
•The “Vbus_valid” signal is active high when the voltage on the VBUS pad is higher or equal to
4.4V. If lower than 4.4V, the signal is not active
• The VBUS status bit is set when VBUS is greater than “Vbus_valid”. The VBUS status bit is
cleared when VBUS falls below “Session_valid” (hysteresis behavior)
• The VBUSTI flag is set each time the VBUS bit state changes
22.10.1
Peripheral mode
The USB peripheral cannot attach to the bus while VBUS bit is not set.
22.10.2
Host mode
The Host must use the UVCON pin to drive an external power switch or regulator that powers
the Vbus line. The UVCON pin is automatically asserted and set high by hardware when
UVCONE and VBUSREQ bits are set by firmware.
If a device connects (pull-up on DP or DM) within 300ms of Vbus delivery, the DCONNI flag will
rise. But, once VBUSREQ bit has been set, if no peripheral connection is detected within 300ms,
the BCERRI flag (and interrupt) will rise and Vbus delivery will be stopped (UVCON cleared).
If that behavior represents a limitation for the Host application, the following work-around may be
used :
1.
UVCONE and VBUSREQ must be cleared.
2.
VBUSHWC must be set (to disable hardware control of UVCON pin).
3.
PORTE,7 pin (alternate function of UVCON pin) must be set by firmware.
4.
a device connection will be detected thanks to the SRPI flag (that may usually be used
to detect a DP/DM pulse sent by an OTG B-Device that requests a new session).
VBUSTI
USBINT.0
VBUS
VBUS
USBSTA.0
VSS
VDD
Pad logic
Logic
Session_valid
VBus_pulsing
VBus_discharge
Vbus_valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com