Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 258 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 258 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 254Page - ATMEL Corporation AT90USB646 Datasheet HTML 255Page - ATMEL Corporation AT90USB646 Datasheet HTML 256Page - ATMEL Corporation AT90USB646 Datasheet HTML 257Page - ATMEL Corporation AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 456 page
background image
258
7593L–AVR–09/12
AT90USB64/128
• 3 – SPEED: Speed Status Flag
This should be read only when the USB controller operates in host mode, in device mode the
value read from this bit is undeterminated.
Set by hardware when the controller is in FULL-SPEED mode. Cleared by hardware when the
controller is in LOW-SPEED mode.
• 2 – Reserved
The value read from this bit is always 0. Do not set this bit.
• 1 – ID: IUD pin flag
The value read from this bit indicates the state of the UID pin.
• 0 – VBUS: VBus flag
The value read from this bit indicates the state of the VBUS pin. This bit can be used in device
mode to monitor the USB bus connection state of the application. See Section 22.10, page 255
for more details.
7-2 - Reserved
The value read from these bits is always 0. Do not set these bits.
1 – IDTI: D Transition Interrupt flag
Set by hardware when a transition (high to low, low to high) has been detected on the UID pin.
Shall be cleared by software.
• 0 – VBUSTI: IVBUS Transition Interrupt flag
Set by hardware when a transition (high to low, low to high) has been detected on the VBUS
pad.
Shall be cleared by software.
• 7-6 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 5 – HNPREQ: HNP Request bit
Set to initiate the HNP when the controller is in the Device mode (B). Set to accept the HNP
when the controller is in the Host mode (A).
Clear otherwise.
Bit
76543210
------
IDTI
VBUSTI
USBINT
Read/write
RRRRRR
R/W
R/W
Initial value
00000000
Bit
7
6
5
4
3
2
1
0
-
-
HNPREQ
SRPREQ
SRPSEL
VBUSHWC
VBUSREQ
VBUSRQC
OTGCON
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com