Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 262 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 258Page - ATMEL Corporation AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 456 page
background image
262
7593L–AVR–09/12
AT90USB64/128
23. USB device operating modes
23.1
Introduction
The USB device controller supports full speed and low speed data transfers. In addition to the
default control endpoint, it provides six other endpoints, which can be configured in control, bulk,
interrupt or isochronous modes:
• Endpoint 0:programmable size FIFO up to 64 bytes, default control endpoint
• Endpoints 1 programmable size FIFO up to 256 bytes in ping-pong mode
• Endpoints 2 to 6: programmable size FIFO up to 64 bytes in ping-pong mode
The controller starts in the “idle” mode. In this mode, the pad consumption is reduced to the
minimum.
23.2
Power-on and reset
The next diagram explains the USB device controller main states on power-on:
Figure 23-1. USB device controller states after reset.
The reset state of the Device controller is:
• the macro clock is stopped in order to minimize the power consumption (FRZCLK set)
• the USB device controller internal state is reset (all the registers are reset to their default
value. Note that DETACH is set.)
• the endpoint banks are reset
• the D+ or D- pull up are not activated (mode Detach)
The D+ or D- pull-up will be activated as soon as the DETACH bit is cleared and VBUS is
present.
The macro is in the ‘Idle’ state after reset with a minimum power consumption and does not
need to have the PLL activated to enter in this state.
The USB device controller can at any time be reset by clearing USBE (disable USB interface).
23.3
Endpoint reset
An endpoint can be reset at any time by setting in the UERST register the bit corresponding to
the endpoint (EPRSTx). This resets:
• the internal state machine on that endpoint
• the Rx and Tx banks are cleared and their internal pointers are restored
Reset
Idle
HW
RESET
USBE=0
<any
other
state>
USBE=0
USBE=1
UID=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com