Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 266 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 266 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation AT90USB646 Datasheet HTML 267Page - ATMEL Corporation AT90USB646 Datasheet HTML 268Page - ATMEL Corporation AT90USB646 Datasheet HTML 269Page - ATMEL Corporation AT90USB646 Datasheet HTML 270Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 456 page
background image
266
7593L–AVR–09/12
AT90USB64/128
23.10 Remote Wake-up
The “Remote Wake-up” (or “upstream resume”) request is the only operation allowed to be sent
by the device on its own initiative. Anyway, to do that, the device should first have received a
DEVICE_REMOTE_WAKEUP request from the host.
• First, the USB controller must have detected the “suspend” state of the line: the remote wake-
up can only be sent when a SUSPI flag is set
•The firmware has then the ability to set RMWKUP to send the “upstream resume” stream.
This will automatically be done by the controller after 5ms of inactivity on the USB line
• When the controller starts to send the “upstream resume”, the UPRSMI interrupt is triggered
(if enabled). SUSPI is cleared by hardware
• RMWKUP is cleared by hardware at the end of the “upstream resume”
• If the controller detects a good “End Of Resume” signal from the host, an EORSMI interrupt
is triggered (if enabled)
23.11 STALL request
For each endpoint, the STALL management is performed using two bits:
– STALLRQ (enable stall request)
– STALLRQC (disable stall request)
– STALLEDI (stall sent interrupt)
To send a STALL handshake at the next request, the STALLRQ request bit has to be set. All fol-
lowing requests will be handshak’ed with a STALL until the STALLRQC bit is set.
Setting STALLRQC automatically clears the STALLRQ bit. The STALLRQC bit is also immedi-
ately cleared by hardware after being set by software. Thus, the firmware will never read this bit
as set.
Each time the STALL handshake is sent, the STALLEDI flag is set by the USB controller and the
EPINTx interrupt will be triggered (if enabled).
The incoming packets will be discarded (RXOUTI and RWAL will not be set).
The host will then send a command to reset the STALL: the firmware just has to set the STALL-
RQC bit and to reset the endpoint.
23.11.1
Special consideration for control endpoints
A SETUP request is always ACK’ed.
If a STALL request is set for a Control Endpoint and if a SETUP request occurs, the SETUP
request has to be ACK’ed and the STALLRQ request and STALLEDI sent flags are automati-
cally reset (RXSETUPI set, TXIN cleared, STALLED cleared, TXINI cleared...).
This management simplifies the enumeration process management. If a command is not sup-
ported or contains an error, the firmware set the STALL request flag and can return to the main
task, waiting for the next SETUP request.
This function is compliant with the Chapter 8 test that may send extra status for a
GET_DESCRIPTOR. The firmware sets the STALL request just after receiving the status. All
extra status will be automatically STALL’ed until the next SETUP request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com