Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 268 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 268 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation AT90USB646 Datasheet HTML 267Page - ATMEL Corporation AT90USB646 Datasheet HTML 268Page - ATMEL Corporation AT90USB646 Datasheet HTML 269Page - ATMEL Corporation AT90USB646 Datasheet HTML 270Page - ATMEL Corporation AT90USB646 Datasheet HTML 271Page - ATMEL Corporation AT90USB646 Datasheet HTML 272Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 456 page
background image
268
7593L–AVR–09/12
AT90USB64/128
Figure 23-5. Control read transaction.
A NAK handshake is always generated at the first status stage command.
When the controller detect the status stage, all the data writen by the CPU are erased, and
clearing TXINI has no effects.
The firmware checks if the transmission is complete or if the reception is complete.
The OUT retry is always ack’ed. This reception:
- set the RXOUTI flag (received OUT data)
- set the TXINI flag (data sent, ready to accept new data)
software algorithm:
set transmit ready
wait (transmit complete OR Receive complete)
if receive complete, clear flag and return
if transmit complete, continue
Once the OUT status stage has been received, the USB controller waits for a SETUP request.
The SETUP request have priority over any other request and has to be ACK’ed. This means that
any other flag should be cleared and the fifo reset when a SETUP is received.
WARNING: the byte counter is reset when the OUT Zero Length Packet is received. The firm-
ware has to take care of this.
23.13 OUT endpoint management
OUT packets are sent by the host. All the data can be read by the CPU, which acknowledges or
not the bank when it is empty.
23.13.1
Overview
The Endpoint must be configured first.
Each time the current bank is full, the RXOUTI and the FIFOCON bits are set. This triggers an
interrupt if the RXOUTE bit is set. The firmware can acknowledge the USB interrupt by clearing
the RXOUTI bit. The Firmware read the data and clear the FIFOCON bit in order to free the cur-
rent bank. If the OUT Endpoint is composed of multiple banks, clearing the FIFOCON bit will
switch to the next bank. The RXOUTI and FIFOCON bits are then updated by hardware in accor-
dance with the status of the new bank.
SETUP
RXSTPI
RXOUTI
TXINI
USB line
HW
SW
IN
HW
SW
IN
OUT
OUT
NAK
SW
SW
HW
Wr Enable
HOST
Wr Enable
CPU
DATA
SETUP
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com