Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 270 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 270 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 266Page - ATMEL Corporation AT90USB646 Datasheet HTML 267Page - ATMEL Corporation AT90USB646 Datasheet HTML 268Page - ATMEL Corporation AT90USB646 Datasheet HTML 269Page - ATMEL Corporation AT90USB646 Datasheet HTML 270Page - ATMEL Corporation AT90USB646 Datasheet HTML 271Page - ATMEL Corporation AT90USB646 Datasheet HTML 272Page - ATMEL Corporation AT90USB646 Datasheet HTML 273Page - ATMEL Corporation AT90USB646 Datasheet HTML 274Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 456 page
background image
270
7593L–AVR–09/12
AT90USB64/128
23.14.1
Overview
The Endpoint must be configured first.
The TXINI bit is set by hardware when the current bank becomes free. This triggers an interrupt
if the TXINE bit is set. The FIFOCON bit is set at the same time. The CPU writes into the FIFO
and clears the FIFOCON bit to allow the USB controller to send the data. If the IN Endpoint is
composed of multiple banks, this also switches to the next data bank. The TXINI and FIFOCON
bits are automatically updated by hardware regarding the status of the next bank.
TXINI shall always be cleared before clearing FIFOCON.
The RWAL bit always reflects the state of the current bank. This bit is set if the firmware can
write data to the bank, and cleared by hardware when the bank is full.
Figure 23-7. Example with 1 and 2 IN data bank.
23.14.2
Detailed description
The data are written by the CPU, following the next flow:
• When the bank is empty, an endpoint interrupt (EPINTx) is triggered, if enabled (TXINE set)
and TXINI is set. The CPU can also poll TXINI or FIFOCON, depending the software
architecture choice
• The CPU acknowledges the interrupt by clearing TXINI
•The CPU can write the data into the current bank (write in UEDATX)
• The CPU can free the bank by clearing FIFOCON when all the data are written, that is:
– after “N” write into UEDATX
– as soon as RWAL is cleared by hardware
IN
DATA
(bank 0)
ACK
TXINI
FIFOCON
HW
write data from CPU
BANK 0
Example with 2 IN data banks
SW
SW
SW
SW
IN
IN
DATA
(bank 0)
ACK
TXINI
FIFOCON
write data from CPU
BANK 0
SW
SW
SW
SW
IN
DATA
(bank 1)
ACK
write data from CPU
BANK 0
write data from CPU
BANK 1
SW
HW
write data from CPU
BANK0
NAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com