Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 272 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 272 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 268Page - ATMEL Corporation AT90USB646 Datasheet HTML 269Page - ATMEL Corporation AT90USB646 Datasheet HTML 270Page - ATMEL Corporation AT90USB646 Datasheet HTML 271Page - ATMEL Corporation AT90USB646 Datasheet HTML 272Page - ATMEL Corporation AT90USB646 Datasheet HTML 273Page - ATMEL Corporation AT90USB646 Datasheet HTML 274Page - ATMEL Corporation AT90USB646 Datasheet HTML 275Page - ATMEL Corporation AT90USB646 Datasheet HTML 276Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 456 page
background image
272
7593L–AVR–09/12
AT90USB64/128
23.16 Overflow
In Control, Isochronous, Bulk or Interrupt Endpoint, an overflow can occur during OUT stage, if
the host attempts to write in a bank that is too small for the packet. In this situation, the OVERFI
interrupt is triggered (if enabled). The packet is acknowledged and the RXOUTI interrupt is also
triggered (if enabled). The bank is filled with the first bytes of the packet.
It is not possible to have overflow error during IN stage, in the CPU side, since the CPU should
write only if the bank is ready to access data (TXINI=1 or RWAL=1).
23.17 Interrupts
Figure 23-8 shows all the interrupts sources.
Figure 23-8. USB device controller interrupt system.
There are two kinds of interrupts: processing (that is, their generation are part of the normal pro-
cessing) and exception (errors).
Processing interrupts are generated when:
• VBUS plug-in detection (insert, remove)(VBUSTI)
• Upstream resume(UPRSMI)
• End of resume(EORSMI)
• Wake up(WAKEUPI)
• End of reset (Speed Initialization)(EORSTI)
• Start of frame(SOFI, if FNCERR=0)
• Suspend detected after 3ms of inactivity(SUSPI)
Exception Interrupts are generated when:
• CRC error in frame number of SOF(SOFI, FNCERR=1)
UPRSMI
UDINT.6
UPRSME
UDIEN.6
EORSMI
UDINT.5
EORSME
UDIEN.5
WAKEUPI
UDINT.4
WAKEUPE
UDIEN.4
EORSTI
UDINT.3
EORSTE
UDIEN.3
SOFI
UDINT.2
SOFE
UDIEN.2
SUSPI
UDINT.0
SUSPE
UDIEN.0
USB device
interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com