Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 273 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 273 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 269Page - ATMEL Corporation AT90USB646 Datasheet HTML 270Page - ATMEL Corporation AT90USB646 Datasheet HTML 271Page - ATMEL Corporation AT90USB646 Datasheet HTML 272Page - ATMEL Corporation AT90USB646 Datasheet HTML 273Page - ATMEL Corporation AT90USB646 Datasheet HTML 274Page - ATMEL Corporation AT90USB646 Datasheet HTML 275Page - ATMEL Corporation AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 456 page
background image
273
7593L–AVR–09/12
AT90USB64/128
Figure 23-9. USB device controller endpoint interrupt system.
Processing interrupts are generated when:
• Ready to accept IN data(EPINTx, TXINI=1)
• Received OUT data(EPINTx, RXOUTI=1)
• Received SETUP(EPINTx, RXSTPI=1)
Exception Interrupts are generated when:
• Stalled packet(EPINTx, STALLEDI=1)
• CRC error on OUT in isochronous mode(EPINTx, STALLEDI=1)
•Overflow in isochronous mode(EPINTx, OVERFI=1)
• Underflow in isochronous mode(EPINTx, UNDERFI=1)
• NAK IN sent(EPINTx, NAKINI=1)
• NAK OUT sent(EPINTx, NAKOUTI=1)
23.18 Registers
23.18.1
USB device general registers
EPINT
UEINT.X
Endpoint 0
Endpoint 1
Endpoint 2
Endpoint 3
Endpoint 4
Endpoint 5
Endpoint interrupt
Endpoint 6
FLERRE
UEIENX.7
OVERFI
UESTAX.6
UNDERFI
UESTAX.5
NAKINI
UEINTX.6
NAKINE
UEIENX.6
NAKOUTI
UEINTX.4
TXSTPE
UEIENX.4
RXSTPI
UEINTX.3
TXOUTE
UEIENX.3
RXOUTI
UEINTX.2
RXOUTE
UEIENX.2
STALLEDI
UEINTX.1
STALLEDE
UEIENX.1
TXINI
UEINTX.0
TXINE
UEIENX.0
Bit
7
65
43
2
1
0
--
--
-
LSM
RMWKUP
DETACH
UDCON
Read/write
RR
RR
R
R/W
R/W
R/W
Initial value
00
00
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com