Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 271 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 271 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 267Page - ATMEL Corporation AT90USB646 Datasheet HTML 268Page - ATMEL Corporation AT90USB646 Datasheet HTML 269Page - ATMEL Corporation AT90USB646 Datasheet HTML 270Page - ATMEL Corporation AT90USB646 Datasheet HTML 271Page - ATMEL Corporation AT90USB646 Datasheet HTML 272Page - ATMEL Corporation AT90USB646 Datasheet HTML 273Page - ATMEL Corporation AT90USB646 Datasheet HTML 274Page - ATMEL Corporation AT90USB646 Datasheet HTML 275Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 456 page
background image
271
7593L–AVR–09/12
AT90USB64/128
If the endpoint uses two banks, the second one can be read by the HOST while the current is
being written by the CPU. Then, when the CPU clears FIFOCON, the next bank may be already
ready (free) and TXINI is set immediately.
23.14.2.1
Abort
An “abort” stage can be produced by the host in some situations:
• In a control transaction: ZLP data OUT received during a IN stage
• In an isochronous IN transaction: ZLP data OUT received on the OUT endpoint during a IN
stage on the IN endpoint
•...
The KILLBK bit is used to kill the last “written” bank. The best way to manage this abort is to per-
form the following operations:
Table 23-1.
Abort flow.
23.15 Isochronous mode
23.15.1
Underflow
An underflow can occur during IN stage if the host attempts to read a bank which is empty. In
this situation, the UNDERFI interrupt is triggered.
An underflow can also occur during OUT stage if the host send a packet while the banks are
already full. Typically, he CPU is not fast enough. The packet is lost.
It is not possible to have underflow error during OUT stage, in the CPU side, since the CPU
should read only if the bank is ready to give data (RXOUTI=1 or RWAL=1)
23.15.2
CRC error
A CRC error can occur during OUT stage if the USB controller detects a bad received packet. In
this situation, the STALLEDI interrupt is triggered. This does not prevent the RXOUTI interrupt
from being triggered.
Endpoint
Abort
Abort done
Abort is based on the fact
that no banks are busy,
meaning that nothing has to
be sent.
Disable the TXINI interrupt.
Endpoint
reset
NBUSYBK
=0
Yes
Clear
UEIENX.
TXINE
No
KILLBK=1
KILLBK=1
Yes
Kill the last written
bank.
Wait for the end of the
procedure.
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com