Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 276 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 276 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 272Page - ATMEL Corporation AT90USB646 Datasheet HTML 273Page - ATMEL Corporation AT90USB646 Datasheet HTML 274Page - ATMEL Corporation AT90USB646 Datasheet HTML 275Page - ATMEL Corporation AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 456 page
background image
276
7593L–AVR–09/12
AT90USB64/128
• 1 - Reserved
The value read from this bits is always 0. Do not set this bit
• 0 - SUSPE - Suspend Interrupt Enable Bit
Set to enable the SUSPI interrupt.
Clear to disable the SUSPI interrupt.
• 7 - ADDEN - Address Enable Bit
Set to activate the UADD (USB address).
Cleared by hardware. Clearing by software has no effect.
See Section 23.7, page 264 for more details.
• 6-0 - UADD6:0 - USB Address Bits
Load by software to configure the device address.
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - FNUM10:8 - Frame Number Upper Value
Set by hardware. These bits are the three MSB of the 11-bits Frame Number information. They
are provided in the last received SOF packet. FNUM is updated if a corrupted SOF is received.
• Frame Number Lower Value
Set by hardware. These bits are the eight LSB of the 11-bits Frame Number information.
• 7-5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4 - FNCERR -Frame Number CRC Error flag
Set by hardware when a corrupted Frame Number in start of frame packet is received.
This bit and the SOFI interrupt are updated at the same time.
Bit
7
65432
10
ADDEN
UADD6:0
UDADDR
Read/write
W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
00000
00
Bit
76543
2
1
0
-----
FNUM10:8
UDFNUMH
Read/write
R
R
R
R
R
RRR
Initial value
00000
0
0
0
Bit
765432
10
FNUM7:0
UDFNUML
Read/write
RR
RRRRRR
Initial value
000000
00
Bit
7
65
43
21
0
-
-
-
FNCERR
-
-
-
-
UDMFN
Read/write
R
Initial value
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com