Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 278 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 278 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 274Page - ATMEL Corporation AT90USB646 Datasheet HTML 275Page - ATMEL Corporation AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 456 page
background image
278
7593L–AVR–09/12
AT90USB64/128
• RSTDT - Reset Data Toggle bit
Set to automatically clear the data toggle sequence:
For OUT endpoint: the next received packet will have the data toggle 0.
For IN endpoint: the next packet to be sent will have the data toggle 0.
Cleared by hardware instantaneously. The firmware does not have to wait that the bit is cleared.
Clearing by software has no effect.
• 2 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 1 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 0 - EPEN - Endpoint Enable bit
Set to enable the endpoint according to the device configuration. Endpoint 0 shall always be
enabled after a hardware or USB reset and participate in the device configuration.
Clear this bit to disable the endpoint. See Section 23.6, page 263 for more details.
• 7-6 - EPTYPE1:0 - Endpoint Type bits
Set this bit according to the endpoint configuration:
00b: Control10b: Bulk
01b: Isochronous11b: Interrupt
• 5-4 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 3-2 - Reserved for test purpose
The value read from these bits is always 0. Do not set these bits.
• 1 - Reserved
The value read from this bits is always 0. Do not set this bit.
• 0 - EPDIR - Endpoint Direction bit
Set to configure an IN direction for bulk, interrupt or isochronous endpoints.
Clear to configure an OUT direction for bulk, interrupt, isochronous or control endpoints.
Bit
7
6
543
21
0
EPTYPE1:0
-
-
-
-
-
EPDIR
UECFG0X
Read/write
R/W
R/W
R
RRRR
R/W
Initial value
0
0
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com