Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 282 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 282 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 456 page
background image
282
7593L–AVR–09/12
AT90USB64/128
• 4 - NAKOUTI - NAK OUT Received Interrupt flag
Set by hardware when a NAK handshake has been sent in response of a OUT/PING request
from the host. This triggers an USB interrupt if NAKOUTE is sent.
Shall be cleared by software. Setting by software has no effect.
• 3 - RXSTPI - Received SETUP Interrupt flag
Set by hardware to signal that the current bank contains a new valid SETUP packet. An inter-
rupt (EPINTx) is triggered (if enabled).
Shall be cleared by software to handshake the interrupt. Setting by software has no effect.
This bit is inactive (cleared) if the endpoint is an IN endpoint.
• 2 - RXOUTI / KILLBK - Received OUT Data Interrupt flag
Set by hardware to signal that the current bank contains a new packet. An interrupt (EPINTx) is
triggered (if enabled).
Shall be cleared by software to handshake the interrupt. Setting by software has no effect.
Kill Bank IN bit
Set this bit to kill the last written bank.
Cleared by hardware when the bank is killed. Clearing by software has no effect.
See page 271 for more details on the Abort.
• 1 - STALLEDI - STALLEDI Interrupt flag
Set by hardware to signal that a STALL handshake has been sent, or that a CRC error has been
detected in a OUT isochronous endpoint.
Shall be cleared by software. Setting by software has no effect.
• 0 - TXINI - Transmitter Ready Interrupt flag
Set by hardware to signal that the current bank is free and can be filled. An interrupt (EPINTx) is
triggered (if enabled).
Shall be cleared by software to handshake the interrupt. Setting by software has no effect.
This bit is inactive (cleared) if the endpoint is an OUT endpoint.
• 7 - FLERRE - Flow Error Interrupt Enable flag
Set to enable an endpoint interrupt (EPINTx) when OVERFI or UNDERFI are sent.
Clear to disable an endpoint interrupt (EPINTx) when OVERFI or UNDERFI are sent.
• 6 - NAKINE - NAK IN Interrupt Enable bit
Set to enable an endpoint interrupt (EPINTx) when NAKINI is set.
Clear to disable an endpoint interrupt (EPINTx) when NAKINI is set.
Bit
7
6
5
4
3
210
FLERRE
NAKINE
-
NAKOUTE
RXSTPE
RXOUTE
STALLEDE
TXINE
UEIENX
Read/write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com