Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 284 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 284 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation AT90USB646 Datasheet HTML 288Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 456 page
background image
284
7593L–AVR–09/12
AT90USB64/128
• 7-0 - BYCT7:0 - Byte Count (low) bits
Set by the hardware. BYCT10:0 is:
- (for IN endpoint) increased after each writing into the endpoint and decremented after each
byte sent,
- (for OUT endpoint) increased after each byte sent by the host, and decremented after each
byte read by the software.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-0 - EPINT6:0 - Endpoint Interrupts bits
Set by hardware when an interrupt is triggered by the UEINTX register and if the corresponding
endpoint interrupt enable bit is set.
Cleared by hardware when the interrupt source is served.
Bit
765432
10
BYCT D7
BYCT D6
BYCT D5
BYCT D4
BYCT D3
BYCT D2
BYCT D1
BYCT D0
UEBCLX
Read/write
RRRRRRRR
Initial value
000000
00
Bit
7
6543210
-
EPINT D6
EPINT D5
EPINT D4
EPINT D3
EPINT D2
EPINT D1
EPINT D0 UEINT
Read/write
R
R
R
RRRRR
Initial value
0
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com