Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 283 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 283 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 456 page
background image
283
7593L–AVR–09/12
AT90USB64/128
• 5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4 - NAKOUTE - NAK OUT Interrupt Enable bit
Set to enable an endpoint interrupt (EPINTx) when NAKOUTI is set.
Clear to disable an endpoint interrupt (EPINTx) when NAKOUTI is set.
• 3 - RXSTPE - Received SETUP Interrupt Enable flag
Set to enable an endpoint interrupt (EPINTx) when RXSTPI is sent.
Clear to disable an endpoint interrupt (EPINTx) when RXSTPI is sent.
• 2 - RXOUTE - Received OUT Data Interrupt Enable flag
Set to enable an endpoint interrupt (EPINTx) when RXOUTI is sent.
Clear to disable an endpoint interrupt (EPINTx) when RXOUTI is sent.
• 1 - STALLEDE - Stalled Interrupt Enable flag
Set to enable an endpoint interrupt (EPINTx) when STALLEDI is sent.
Clear to disable an endpoint interrupt (EPINTx) when STALLEDI is sent.
• 0 - TXINE - Transmitter Ready Interrupt Enable flag
Set to enable an endpoint interrupt (EPINTx) when TXINI is sent.
Clear to disable an endpoint interrupt (EPINTx) when TXINI is sent.
• 7-0 - DAT7:0 -Data bits
Set by the software to read/write a byte from/to the endpoint FIFO selected by EPNUM.
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - BYCT10:8 - Byte count (high) bits
Set by hardware. This field is the MSB of the byte count of the FIFO endpoint. The LSB part is
provided by the UEBCLX register.
Bit
76543
210
DAT D7
DAT D6
DAT D5
DAT D4
DAT D3
DAT D2
DAT D1
DAT D0
UEDATX
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
00000
000
Bit
76543
2
1
0
-
-
-
-
-
BYCT D10 BYCT D9
BYCT D8
UEBCHX
Read/write
R
RRRR
R
R
R
Initial value
00000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com