Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 279 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 279 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 275Page - ATMEL Corporation AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 456 page
background image
279
7593L–AVR–09/12
AT90USB64/128
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-4 - EPSIZE2:0 - Endpoint Size bits
Set this bit according to the endpoint size:
000b: 8 bytes
100b: 128 bytes (only for endpoint 1)
001b: 16 bytes
101b: 256 bytes (only for endpoint 1)
010b: 32 bytes
110b: Reserved. Do not use this configuration
011b: 64 bytes
111b: Reserved. Do not use this configuration
• 3-2 - EPBK1:0 - Endpoint Bank bits
Set this field according to the endpoint size:
00b: One bank
01b: Double bank
1xb: Reserved. Do not use this configuration
• 1 - ALLOC - Endpoint Allocation bit
Set this bit to allocate the endpoint memory.
Clear to free the endpoint memory.
See Section 23.6, page 263 for more details.
• 0 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 7 - CFGOK - Configuration Status flag
Set by hardware when the endpoint X size parameter (EPSIZE) and the bank parametrization
(EPBK) are correct compared to the max FIFO capacity and the max number of allowed bank.
This bit is updated when the bit ALLOC is set.
If this bit is cleared, the user should reprogram the UECFG1X register with correct EPSIZE and
EPBK values.
Bit
7
6
5
4
3
2
1
0
-
EPSIZE2:0
EPBK1:0
ALLOC
-
UECFG1X
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R
Initial value
0
0
0
0
0
0
0
0
Bit
765
4
3
2
1
0
CFGOK
OVERFI
UNDERFI
-
DTSEQ1:0
NBUSYBK1:0
UESTA0X
Read/write
R
R/W
R/W
R/W
R
R
R
R
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com