Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 280 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 456 page
background image
280
7593L–AVR–09/12
AT90USB64/128
• 6 - OVERFI - Overflow Error Interrupt flag
Set by hardware when an overflow error occurs in an isochronous endpoint. An interrupt
(EPINTx) is triggered (if enabled).
See Section 23.15, page 271 for more details.
Shall be cleared by software. Setting by software has no effect.
• 5 - UNDERFI - Flow Error Interrupt flag
Set by hardware when an underflow error occurs in an isochronous endpoint. An interrupt
(EPINTx) is triggered (if enabled).
See Section 23.15, page 271 for more details.
Shall be cleared by software. Setting by software has no effect.
• 4 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 3-2 - DTSEQ1:0 - Data Toggle Sequencing flag
Set by hardware to indicate the PID data of the current bank:
00b
Data0
01b
Data1
1xb
Reserved
For OUT transfer, this value indicates the last data toggle received on the current bank.
For IN transfer, it indicates the Toggle that will be used for the next packet to be sent. This is not
relative to the current bank.
• 1-0 - NBUSYBK1:0 - Busy Bank flag
Set by hardware to indicate the number of busy bank.
For IN endpoint, it indicates the number of busy bank(s), filled by the user, ready for IN transfer.
For OUT endpoint, it indicates the number of busy bank(s) filled by OUT transaction from the
host.
00b
All banks are free
01b
One busy bank
10b
Two busy banks
11b
Reserved
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
Bit
7
65
43
2
1
0
-
-
-
-
-
CTRLDIR
CURRBK1:0
UESTA1X
Read/write
RR
RR
R
R
R
R
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com