Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 277 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 277 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 273Page - ATMEL Corporation AT90USB646 Datasheet HTML 274Page - ATMEL Corporation AT90USB646 Datasheet HTML 275Page - ATMEL Corporation AT90USB646 Datasheet HTML 276Page - ATMEL Corporation AT90USB646 Datasheet HTML 277Page - ATMEL Corporation AT90USB646 Datasheet HTML 278Page - ATMEL Corporation AT90USB646 Datasheet HTML 279Page - ATMEL Corporation AT90USB646 Datasheet HTML 280Page - ATMEL Corporation AT90USB646 Datasheet HTML 281Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 456 page
background image
277
7593L–AVR–09/12
AT90USB64/128
• 3-0 - Reserved
The value read from these bits is always 0. Do not set these bits.
23.18.2
USB device endpoint registers
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - EPNUM2:0 Endpoint Number bits
Load by software to select the number of the endpoint which shall be accessed by the CPU. See
Section 23.5, page 263 for more details.
EPNUM = 111b is forbidden.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-0 - EPRST6:0 - Endpoint FIFO Reset bits
Set to reset the selected endpoint FIFO prior to any other operation, upon hardware reset or
when an USB bus reset has been received. See Section 23.3, page 262 for more information
Then, clear by software to complete the reset operation and start using the endpoint.
• 7-6 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 5 - STALLRQ - STALL Request Handshake bit
Set to request a STALL answer to the host for the next handshake.
Cleared by hardware when a new SETUP is received. Clearing by software has no effect.
See Section 23.11, page 266 for more details.
• 4 - STALLRQC - STALL Request Clear Handshake bit
Set to disable the STALL handshake mechanism.
Cleared by hardware immediately after the set. Clearing by software has no effect.
See Section 23.11, page 266 for more details.
Bit
7
654
321
0
-
-
-
-
-
EPNUM2:0
UENUM
Read/write
RRR
RR
R/W
R/W
R/W
Initial value
0
000
000
0
Bit
7
654
321
0
-
EPRST6
EPRST5
EPRST4
EPRST3
EPRST2
EPRST1
EPRST0
UERST
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
000
000
0
Bit
7
6
543
2
1
0
-
-
STALLRQ
STALLRQC
RSTDT
-
-
EPEN
UECONX
Read/write
R
R
W
W
W
R
R
R/W
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com