Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 285 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 285 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 281Page - ATMEL Corporation AT90USB646 Datasheet HTML 282Page - ATMEL Corporation AT90USB646 Datasheet HTML 283Page - ATMEL Corporation AT90USB646 Datasheet HTML 284Page - ATMEL Corporation AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation AT90USB646 Datasheet HTML 288Page - ATMEL Corporation AT90USB646 Datasheet HTML 289Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 456 page
background image
285
7593L–AVR–09/12
AT90USB64/128
24. USB host operating modes
This mode is available only on Atmel AT90USB647/1287 products.
24.1
Pipe description
For the USB Host controller, the term of Pipe is used instead of Endpoint for the USB Device
controller. A Host Pipe corresponds to a Device Endpoint, as described in the USB specification.
Figure 24-1. Pipes and endpoints in a USB system.
In the USB Host controller, a Pipe will be associated to a Device Endpoint, considering the
Device Configuration Descriptors.
24.2
Detach
The reset value of the DETACH bit is 1. Thus, the firmware has the responsibility of clearing this
bit before switching to the Host mode (HOST set).
24.3
Power-on and reset
Figure 24-2 explains the USB host controller main states on power-on.
Figure 24-2. USB host controller states after reset.
Host
Ready
Host
Idle
Device
disconnection
<any
other
state>
Device
connection
Clock stopped
Macro off
Device
disconnection
Host
Suspend
SOFE=1
SOFE=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com