Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 289 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 289 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 285Page - ATMEL Corporation AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation AT90USB646 Datasheet HTML 288Page - ATMEL Corporation AT90USB646 Datasheet HTML 289Page - ATMEL Corporation AT90USB646 Datasheet HTML 290Page - ATMEL Corporation AT90USB646 Datasheet HTML 291Page - ATMEL Corporation AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 456 page
background image
289
7593L–AVR–09/12
AT90USB64/128
24.12 Control pipe management
A Control transaction is composed of three phases:
• SETUP
• Data (IN or OUT)
• Status (OUT or IN)
The firmware has to change the Token for each phase.
The initial data toggle is set for the corresponding token (ONLY for Control Pipe):
• SETUP: Data0
• OUT: Data1
• IN: Data1 (expected data toggle)
24.13 OUT pipe management
The Pipe must be configured and not frozen first.
Note: if the firmware decides to switch to suspend mode (clear SOFEN) even if a bank is ready
to be sent, the USB controller will automatically exit from Suspend mode and the bank will be
sent.
The TXOUT bit is set by hardware when the current bank becomes free. This triggers an inter-
rupt if the TXOUTE bit is set. The FIFOCON bit is set at the same time. The CPU writes into the
FIFO and clears the FIFOCON bit to allow the USB controller to send the data.
If the OUT Pipe is composed of multiple banks, this also switches to the next data bank. The
TXOUT and FIFOCON bits are automatically updated by hardware regarding the status of the
next bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com