Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 293 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 293 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 289Page - ATMEL Corporation AT90USB646 Datasheet HTML 290Page - ATMEL Corporation AT90USB646 Datasheet HTML 291Page - ATMEL Corporation AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation AT90USB646 Datasheet HTML 294Page - ATMEL Corporation AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 456 page
background image
293
7593L–AVR–09/12
AT90USB64/128
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6 - HWUPI - Host Wake-Up Interrupt
Set by hardware when a non-idle state is detected on the USB bus.This interrupt should be
enable only to wake up the CPU core from power down mode.
Shall be clear by software to acknowledge the interrupt. Setting by software has no effect.
• 5 - HSOFI - Host Start Of Frame Interrupt
Set by hardware when a SOF is issued by the Host controller. This triggers a USB interrupt
when HSOFE is set. When using the host controller in low speed mode, this bit is also set when
a keep-alive is sent.
Shall be cleared by software to acknowledge the interrupt. Setting by software has no effect.
• 4 - RXRSMI - Upstream Resume Received Interrupt
Set by hardware when an Upstream Resume has been received from the Device.
Shall be cleared by software. Setting by software has no effect.
• 3 - RSMEDI - Downstream Resume Sent Interrupt
Set by hardware when a Downstream Resume has been sent to the Device.
Shall be cleared by software. Setting by software has no effect.
• 2 - RSTI - USB Reset Sent Interrupt
Set by hardware when a USB Reset has been sent to the Device.
Shall be cleared by software. Setting by software has no effect.
• 1 - DDISCI - Device Disconnection Interrupt
Set by hardware when the device has been removed from the USB bus.
Shall be cleared by software. Setting by software has no effect.
• 0 - DCONNI - Device Connection Interrupt
Set by hardware when a new device has been connected to the USB bus.
Shall be cleared by software. Setting by software has no effect.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
Bit
7
654321
0
-
HWUPI
HSOFI
RXRSMI
RSMEDI
RSTI
DDISCI
DCONNI
UHINT
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
000000
0
Bit
7
65
4
3
21
0
HWUPE
HSOFE
RXRSME
RSMEDE
RSTE
DDISCE
DCONNE
UHIEN
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com