Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 294 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 294 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 290Page - ATMEL Corporation AT90USB646 Datasheet HTML 291Page - ATMEL Corporation AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation AT90USB646 Datasheet HTML 294Page - ATMEL Corporation AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 456 page
background image
294
7593L–AVR–09/12
AT90USB64/128
• 6 - HWUPE - Host Wake-Up Interrupt Enable
Set this bit to enable HWUP interrupt.For correct interrupt handle execution, this interrupt should
be enable only before entering power-down mode.
Clear this bit to disable HWUP interrupt.
• 5 - HSOFE - Host Start Of frame Interrupt Enable
Set this bit to enable HSOF interrupt.
Clear this bit to disable HSOF interrupt.
• 4 - RXRSME -Upstream Resume Received Interrupt Enable
Set this bit to enable the RXRSMI interrupt.
Clear this bit to disable the RXRSMI interrupt.
• 3 - RSMEDE - Downstream Resume Sent Interrupt Enable
Set this bit to enable the RSMEDI interrupt.
Clear this bit to disable the RSMEDI interrupt.
• 2 - RSTE - USB Reset Sent Interrupt Enable
Set this bit to enable the RSTI interrupt.
Clear this bit to disable the RSTI interrupt.
• 1 - DDISCE - Device Disconnection Interrupt Enable
Set this bit to enable the DDISCI interrupt.
Clear this bit to disable the DDISCI interrupt.
• 0 - DCONNE - Device Connection Interrupt Enable
Set this bit to enable the DCONNI interrupt.
Clear this bit to disable the DCONNI interrupt.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-0 - HADDR6:0 - USB Host Address
These bits contain the address of the USB Device.
Bit
7
654
321
0
HADDR6
HADDR5
HADDR4
HADDR3
HADDR2
HADDR1
HADDR0
HADDR6
UHADDR
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com