Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 296 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 296 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation AT90USB646 Datasheet HTML 294Page - ATMEL Corporation AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 456 page
background image
296
7593L–AVR–09/12
AT90USB64/128
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6 - P6RST - Pipe 6 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 6.
• 5 - P5RST - Pipe 5 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 5.
• 4 - P4RST - Pipe 4 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 4.
• 3 - P3RST - Pipe 3 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 3.
• 2 - P2RST - Pipe 2 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 2.
• 1 - P1RST - Pipe 1 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 1.
• 0 - P0RST - Pipe 0 Reset
Set this bit to 1 and reset this bit to 0 to reset the Pipe 0.
• 7 - Reserved
The value read from this bit is always 0. Do not set this bit.
• 6 - PFREEZE - Pipe Freeze
Set this bit to Freeze the Pipe requests generation.
Clear this bit to enable the Pipe request generation.
This bit is set by hardware when:
- the pipe is not configured
- a STALL handshake has been received on this Pipe
- An error occurs on the Pipe (UPINTX.PERRI = 1)
- (INRQ+1) In requests have been processed
This bit is set at 1 by hardware after a Pipe reset or a Pipe enable.
Bit
76543210
-
P6RST
P5RST
P4RST
P3RST
P2RST
P1RST
P0RST
UPRST
Read/write
RW
RW
RW
RW
RW
RW
RW
Initial value
00000000
Bit
7
65
43
2
1
0
-
PFREEZE
INMODE
-
RSTDT
-
-
PEN
UPCONX
Read/write
RW
RW
RW
RW
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com