Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 297 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 297 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 293Page - ATMEL Corporation AT90USB646 Datasheet HTML 294Page - ATMEL Corporation AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 456 page
background image
297
7593L–AVR–09/12
AT90USB64/128
• 5 - INMODE - IN Request mode
Set this bit to allow the USB controller to perform infinite IN requests when the Pipe is not frozen.
Clear this bit to perform a pre-defined number of IN requests. This number is stored in the UIN-
RQX register.
• 4 - Reserved
The value read from this bit is always 0. Do not set this bit.
• 3 - RSTDT - Reset Data Toggle
Set this bit to reset the Data Toggle to its initial value for the current Pipe.
Cleared by hardware when proceed. Clearing by software has no effect.
• 2 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 1 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 0 - PEN - Pipe Enable
Set to enable the Pipe.
Clear to disable and set the pipe.
• 7-6 - PTYPE1:0 - Pipe Type
Select the type of the Pipe:
- 00: Control
- 01: Isochronous
- 10: Bulk
- 11: Interrupt
• 5-4 - PTOKEN1:0 - Pipe Token
Select the Token to associate to the Pipe
- 00: SETUP
- 01: IN
- 10: OUT
- 11: reserved
• 3-0 - PEPNUM3:0 - Pipe Endpoint Number
Set this field according to the Pipe configuration. Set the number of the Endpoint targeted by the
Pipe. This value is from 0 and 15.
Bit
7
6
543210
PTYPE1
PTYPE0
PTOKEN1 PTOKEN0 PEPNUM3 PEPNUM2 PEPNUM1 PEPNUM0 UPCFG0X
Read/write
RW
RW
RW
RW
RW
RW
RW
RW
Initial value
0
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com