Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 299 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 299 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 456 page
background image
299
7593L–AVR–09/12
AT90USB64/128
• 7 - CFGOK - Configure Pipe Memory OK
Set by hardware if the required memory configuration has been successfully performed.
Cleared by hardware when the pipe is disabled. The USB reset and the reset pipe have no effect
on the configuration of the pipe.
• 6 - OVERFI - Overflow
Set by hardware when a the current Pipe has received more data than the maximum length of
the current Pipe. An interrupt is triggered if the FLERRE bit is set.
Shall be cleared by software. Setting by software has no effect.
• 5 - UNDERFI - Underflow
Set by hardware when a transaction underflow occurs in the current isochronous or interrupt
Pipe. The Pipe can’t send the data flow required by the device. A ZLP will be sent instead. An
interrupt is triggered if the FLERRE bit is set.
Shall be cleared by software. Setting by software has no effect.
Note: the Host controller has to send a OUT packet, but the bank is empty. A ZLP will be sent
and the UNDERFI bit is set.
• 4 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 3-2 - DTSEQ1:0 - Toggle Sequencing flag
Set by hardware to indicate the PID data of the current bank:
00b
Data0
01b
Data1
1xb
Reserved.
For OUT Pipe, this value indicates the next data toggle that will be sent. This is not relative to the
current bank.
For IN Pipe, this value indicates the last data toggle received on the current bank.
• 1-0 - NBUSYBK1:0 - Busy Bank flag
Set by hardware to indicate the number of busy bank.
For OUT Pipe, it indicates the number of busy bank(s), filled by the user, ready for OUT transfer.
For IN Pipe, it indicates the number of busy bank(s) filled by IN transaction from the Device.
00b
All banks are free
01b
1 busy bank
10b
2 busy banks
11b
Reserved.
Bit
765
4
3210
CFGOK
OVERFI
UNDERFI
-
DTSEQ1:0
NBUSYBK
UPSTAX
Read/write
R
RW
RW
RRRR
Initial value
000
0
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com