Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 303 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 303 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation AT90USB646 Datasheet HTML 305Page - ATMEL Corporation AT90USB646 Datasheet HTML 306Page - ATMEL Corporation AT90USB646 Datasheet HTML 307Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 456 page
background image
303
7593L–AVR–09/12
AT90USB64/128
• 0 - RXINE - IN Data received Interrupt Enable
Set to enable the RXINI interrupt.
Clear to disable the RXINI interrupt.
• 7-0 - PDAT7:0 - Pipe Data bits
Set by the software to read/write a byte from/to the Pipe FIFO selected by PNUM.
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - PBYCT10:8 - Byte count (high) bits
Set by hardware. This field is the MSB of the byte count of the FIFO endpoint. The LSB part is
provided by the UPBCLX register.
• 7-0 - PBYCT7:0 - Byte Count (low) bits
Set by the hardware. PBYCT10:0 is:
- (for OUT Pipe) increased after each writing into the Pipe and decremented after each byte
sent,
- (for IN Pipe) increased after each byte received by the host, and decremented after each byte
read by the software.
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-0 - PINT6:0 - Pipe Interrupts bits
Set by hardware when an interrupt is triggered by the UPINTX register and if the corresponding
endpoint interrupt enable bit is set.
Cleared by hardware when the interrupt source is served.
Bit
7
654
321
0
PDAT7
PDAT6
PDAT5
PDAT4
PDAT3
PDAT2
PDAT1
PDAT0
UPDATX
Read/write
RW
RW
RW
RW
RW
RW
RW
RW
Initial value
0
000
000
0
Bit
7
65
43
2
1
0
-
-
-
-
-
PBYCT10
PBYCT9
PBYCT8
UPBCHX
Read/write
RRR
Initial value
00
00
0
0
0
0
Bit
7
65432
10
PBYCT7
PBYCT6
PBYCT5
PBYCT4
PBYCT3
PBYCT2
PBYCT1
PBYCT0
UPBCLX
Read/write
RR
RRRRRR
Initial value
0
00000
00
Bit
7
65432
10
-
PINT6
PINT5
PINT4
PINT3
PINT2
PINT1
PINT0
UPINT
Read/write
Initial value
0
00000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com