Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 307 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 307 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation AT90USB646 Datasheet HTML 305Page - ATMEL Corporation AT90USB646 Datasheet HTML 306Page - ATMEL Corporation AT90USB646 Datasheet HTML 307Page - ATMEL Corporation AT90USB646 Datasheet HTML 308Page - ATMEL Corporation AT90USB646 Datasheet HTML 309Page - ATMEL Corporation AT90USB646 Datasheet HTML 310Page - ATMEL Corporation AT90USB646 Datasheet HTML 311Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 456 page
background image
307
7593L–AVR–09/12
AT90USB64/128
26. ADC – Analog to Digital Converter
26.1
Features
• 10-bit resolution
• 0.5 LSB integral non-linearity
• ±2 LSB absolute accuracy
• 65 - 260µs conversion time
• Up to 15ksps at maximum resolution
• Eight multiplexed single ended input channels
• Seven differential input channels
• Optional left adjustment for ADC result readout
• 0 - V
CC ADC input voltage range
• Selectable 2.56V ADC reference voltage
• Free running or single conversion mode
• ADC start conversion by auto triggering on interrupt sources
• Interrupt on ADC conversion complete
• Sleep mode noise canceler
26.2
Overview
The Atmel AT90USB64/128 features a 10-bit successive approximation ADC. The ADC is con-
nected to an 8-channel Analog Multiplexer which allows eight single-ended voltage inputs
constructed from the pins of Port F. The single-ended voltage inputs refer to 0V (GND).
The device also supports 16 differential voltage input combinations. Two of the differential inputs
(ADC1, ADC0 and ADC3, ADC2) are equipped with a programmable gain stage, providing
amplification steps of 0 dB (1×), 20 dB (10×), or 46 dB (200×) on the differential input voltage
before the A/D conversion. Seven differential analog input channels share a common negative
terminal (ADC1), while any other ADC input can be selected as the positive input terminal. If 1×
or 10× gain is used, 8-bit resolution can be expected. If 200× gain is used, 7-bit resolution can
be expected.
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the ADC is
held at a constant level during conversion. A block diagram of the ADC is shown in Figure 26-1
on page 308.
The ADC has a separate analog supply voltage pin, AV
CC. AVCC must not differ more than ±0.3V
from V
CC. See the paragraph “ADC noise canceler” on page 314 on how to connect this pin.
Internal reference voltages of nominally 2.56V or AV
CC are provided on-chip. The voltage refer-
ence may be externally decoupled at the AREF pin by a capacitor for better noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com