Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 304 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 304 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation AT90USB646 Datasheet HTML 305Page - ATMEL Corporation AT90USB646 Datasheet HTML 306Page - ATMEL Corporation AT90USB646 Datasheet HTML 307Page - ATMEL Corporation AT90USB646 Datasheet HTML 308Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 456 page
background image
304
7593L–AVR–09/12
AT90USB64/128
25. Analog Comparator
The Analog Comparator compares the input values on the positive pin AIN0 and negative pin
AIN1. When the voltage on the positive pin AIN0 is higher than the voltage on the negative pin
AIN1, the Analog Comparator output, ACO, is set. The comparator’s output can be set to trigger
the Timer/Counter1 Input Capture function. In addition, the comparator can trigger a separate
interrupt, exclusive to the Analog Comparator. The user can select Interrupt triggering on com-
parator output rise, fall or toggle. A block diagram of the comparator and its surrounding logic is
shown in Figure 25-1
.
The Power Reduction ADC bit, PRADC, in “PRR0 – Power Reduction Register 0” on page 54
must be disabled by writing a logical zero to be able to use the ADC input MUX.
Figure 25-1. Analog Comparator block diagram
(2).
Notes:
1. See Table 25-2 on page 306.
2. Refer to Figure 1-1 on page 3 and Table 11-6 on page 79 for Analog Comparator pin
placement.
25.0.1
ADCSRB – ADC Control and Status Register B
• Bit 6 – ACME: Analog Comparator Multiplexer Enable
When this bit is written logic one and the ADC is switched off (ADEN in ADCSRA is zero), the
ADC multiplexer selects the negative input to the Analog Comparator. When this bit is written
logic zero, AIN1 is applied to the negative input of the Analog Comparator. For a detailed
description of this bit, see “Analog Comparator multiplexed input” on page 306.
25.0.2
ACSR – Analog Comparator Control and Status Register
ACBG
BANDGAP
REFERENCE
ADC MULTIPLEXER
OUTPUT
ACME
ADEN
(1)
Bit
7
6
5
4
3210
–ACME
–
–
-
ADTS2
ADTS1
ADTS0
ADCSRB
Read/write
R
R/W
R
R
R
R/W
R/W
R/W
Initial value
0
0
00
0000
Bit
7654
32
10
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
ACSR
Read/write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
N/A
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com