Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 302 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 302 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation AT90USB646 Datasheet HTML 305Page - ATMEL Corporation AT90USB646 Datasheet HTML 306Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 456 page
background image
302
7593L–AVR–09/12
AT90USB64/128
• 1 - RXSTALLI / CRCERR - STALL Received / Isochronous CRC Error
Set by hardware when a STALL handshake has been received on the current bank of the Pipe.
The Pipe is automatically frozen. This triggers an interrupt if the RXSTALLE bit is set in the UPI-
ENX register.
Shall be cleared to handshake the interrupt. Setting by software has no effect.
For Isochronous Pipe:
Set by hardware when a CRC error occurs on the current bank of the Pipe. This triggers an inter-
rupt if the TXSTPE bit is set in the UPIENX register.
Shall be cleared to handshake the interrupt. Setting by software has no effect.
• 0 - RXINI - IN Data received
Set by hardware when a new USB message is stored in the current bank of the Pipe. This trig-
gers an interrupt if the RXINE bit is set in the UPIENX register.
Shall be cleared to handshake the interrupt. Setting by software has no effect.
• 7 - FLERRE - Flow Error Interrupt enable
Set to enable the OVERFI and UNDERFI interrupts.
Clear to disable the OVERFI and UNDERFI interrupts.
• 6 - NAKEDE -NAK Handshake Received Interrupt Enable
Set to enable the NAKEDI interrupt.
Clear to disable the NAKEDI interrupt.
• 5 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 4 - PERRE -PIPE Error Interrupt Enable
Set to enable the PERRI interrupt.
Clear to disable the PERRI interrupt.
• 3 - TXSTPE - SETUP Bank ready Interrupt Enable
Set to enable the TXSTPI interrupt.
Clear to disable the TXSTPI interrupt.
• 2 - TXOUTE - OUT Bank ready Interrupt Enable
Set to enable the TXOUTI interrupt.
Clear to disable the TXOUTI interrupt.
• 1 - RXSTALLE - STALL Received Interrupt Enable
Set to enable the RXSTALLI interrupt.
Clear to disable the RXSTALLI interrupt.
Bit
7
6
5
4
3
2
1
0
FLERRE
NAKEDE
-
PERRE
TXSTPE
TXOUTE
RXSTALLE
RXINE
UPIENX
Read/write
RW
RW
RW
RW
RW
RW
RW
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com