Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 298 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 298 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 294Page - ATMEL Corporation AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 456 page
background image
298
7593L–AVR–09/12
AT90USB64/128
• 7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 6-4 - PSIZE2:0 - Pipe Size
Select the size of the Pipe:
- 000: 8
- 100: 128 (only for endpoint 1)
- 001: 16
- 101: 256 (only for endpoint 1)
- 010: 32
- 110: Reserved. Do not use this configuration.
- 011: 64
- 111: Reserved. Do not use this configuration.
• 3-2 - PBK1:0 - Pipe Bank
Select the number of bank to declare for the current Pipe.
- 00: 1 bank
- 01: 2 banks
- 10: invalid
- 11: invalid
• ALLOC - Configure Pipe Memory
Set to configure the pipe memory with the characteristics.
Clear to update the memory allocation. Refer to the Memory Management chapter for more
details.
7 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 7 - INTFRQ7:0 - Interrupt Pipe Request Frequency
These bits are the maximum value in millisecond of the polling period for an Interrupt Pipe.
This value has no effect for a non-Interrupt Pipe.
Bit
7
6
5
4
3
2
1
0
-
PSIZE2:0
PBK1:0
ALLOC
-
UPCFG1X
Read/write
R
RW
RW
RW
RW
RW
RW
Initial value
0
0
0
0
0
0
0
0
Bit
7
65432
10
INTFRQ7
INTFRQ6
INTFRQ5
INTFRQ4
INTFRQ3
INTFRQ2
INTFRQ1
INTFRQ0
UPCFG2X
Read/write
RW
RW
RW
RW
RW
RW
RW
RW
Initial value
0
00000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com