Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 295 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 295 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 291Page - ATMEL Corporation AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation AT90USB646 Datasheet HTML 294Page - ATMEL Corporation AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 456 page
background image
295
7593L–AVR–09/12
AT90USB64/128
• 7-4 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 3-0 - FNUM10:8 - Frame Number
The value contained in this register is the current SOF number.
This value can be modified by software.
• 7-0 - FNUM7:0 - Frame Number
The value contained in this register is the current SOF number.
This value can be modified by software.
• 7-0 - FLEN7:0 - Frame Length
The value contained the data frame length transmited.
24.16.2
USB Host Pipe registers
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2-0 - PNUM2:0 - Pipe Number
Select the pipe using this register. The USB Host registers ended by a X correspond then to this
number.
This number is used for the USB controller following the value of the PNUMD bit.
Bit
7
65
43
2
1
0
-
-
-
-
-
FNUM10
FNUM9
FNUM8
UHFNUMH
Read/write
RR
RR
R
R
R
R
Initial value
00
00
0
0
0
0
Bit
7
65
43
21
0
FNUM7
FNUM6
FNUM5
FNUM4
FNUM3
FNUM2
FNUM1
FNUM0
UHFNUML
Read/write
RR
RR
RR
RR
Initial value
00
00
00
00
Bit
7
65432
10
FLEN7
FLEN6
FLEN5
FLEN4
FLEN3
FLEN2
FLEN1
FLEN0
UHFLEN
Read/write
RR
RRRRRR
Initial value
0
00000
00
Bit
76543
2
1
0
PNUM2
PNUM1
PNUM0
UPNUM
Read/write
RW
RW
RW
Initial value
00000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com