Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 292 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 292 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 288Page - ATMEL Corporation AT90USB646 Datasheet HTML 289Page - ATMEL Corporation AT90USB646 Datasheet HTML 290Page - ATMEL Corporation AT90USB646 Datasheet HTML 291Page - ATMEL Corporation AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation AT90USB646 Datasheet HTML 294Page - ATMEL Corporation AT90USB646 Datasheet HTML 295Page - ATMEL Corporation AT90USB646 Datasheet HTML 296Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 456 page
background image
292
7593L–AVR–09/12
AT90USB64/128
Figure 24-7. USB device controller pipe interrupt system.
24.16 Registers
24.16.1
General USB host registers
• 7-3 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 2 - RESUME - Send USB Resume
Set this bit to generate a USB Resume on the USB bus.
Cleared by hardware when the USB Resume has been sent. Clearing by software has no effect.
This bit should be set only when the start of frame generation is enable (SOFEN bit set).
• 1 - RESET - Send USB Reset
Set this bit to generate a USB Reset on the USB bus.
Cleared by hardware when the USB Reset has been sent. Clearing by software has no effect.
Refer to the USB reset section for more details.
• 0 - SOFEN - Start Of Frame Generation Enable
Set this bit to generate SOF on the USB bus in full speed mode and keep-alive in low speed
mode.
Clear this bit to disable the SOF generation and to leave the USB bus in Idle state.
FLERRE
UPIEN.7
UNDERFI
UPSTAX.5
OVERFI
UPSTAX.6
NAKEDI
UPINTX.6
NAKEDE
UPIEN.6
PERRI
UPINTX.4
PERRE
UPIEN.4
TXSTPI
UPINTX.3
TXSTPE
UPIEN.3
TXOUTI
UPINTX.2
TXOUTE
UPIEN.2
RXSTALLI
UPINTX.1
RXSTALLE
UPIEN.1
RXINI
UPINTX.0
RXINE
UPIEN.0
FLERRE
UPIEN.7
PIPE 0
PIPE 1
PIPE 2
PIPE 3
PIPE 4
PIPE 5
Pipe interrupt
PIPE 6
Bit
7
6543
2
1
0
-
----
RESUME
RESET
SOFEN
UHCON
Read/write
RRRRR
R/W
R/W
R/W
Initial value
0
0000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com