Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 290 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 290 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 286Page - ATMEL Corporation AT90USB646 Datasheet HTML 287Page - ATMEL Corporation AT90USB646 Datasheet HTML 288Page - ATMEL Corporation AT90USB646 Datasheet HTML 289Page - ATMEL Corporation AT90USB646 Datasheet HTML 290Page - ATMEL Corporation AT90USB646 Datasheet HTML 291Page - ATMEL Corporation AT90USB646 Datasheet HTML 292Page - ATMEL Corporation AT90USB646 Datasheet HTML 293Page - ATMEL Corporation AT90USB646 Datasheet HTML 294Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 456 page
background image
290
7593L–AVR–09/12
AT90USB64/128
Figure 24-4. Example with OUT data banks.
24.14 IN Pipe management
The Pipe must be configured first.
When the Host requires data from the device, the firmware has to determine first the IN mode to
use using the INMODE bit:
• INMODE = 0. The INRQX register is taken in account. The Host controller will perform
(INRQX+1) IN requests on the selected Pipe before freezing the Pipe. This mode avoids to
have extra IN requests on a Pipe
• INMODE = 1. The USB controller will perform infinite IN request until the firmware freezes the
Pipe
The IN request generation will start when the firmware clear the PFREEZE bit.
Each time the current bank is full, the RXIN and the FIFOCON bits are set. This triggers an inter-
rupt if the RXINE bit is set. The firmware can acknowledge the USB interrupt by clearing the
RXIN bit. The Firmware read the data and clear the FIFOCON bit in order to free the current
OUT
DATA
(bank 0)
ACK
TXOUT
FIFOCON
HW
Example with 1 OUT data bank
write data from CPU
BANK 0
Example with 2 OUT data banks
SW
SW
SW
SW
OUT
OUT
DATA
(bank 0)
ACK
TXOUT
FIFOCON
write data from CPU
BANK 0
SW
SW
SW
SW
OUT
DATA
(bank 1)
ACK
write data from CPU
BANK 0
write data from CPU
BANK 1
SW
HW
write data from CPU
BANK0
Example with 2 OUT data banks
OUT
DATA
(bank 0)
ACK
TXOUT
FIFOCON
write data from CPU
BANK 0
SW
SW
SW
SW
write data from CPU
BANK 1
SW
HW
write data from CPU
BANK0
OUT
DATA
(bank 1)
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com