Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 300 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 300 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 296Page - ATMEL Corporation AT90USB646 Datasheet HTML 297Page - ATMEL Corporation AT90USB646 Datasheet HTML 298Page - ATMEL Corporation AT90USB646 Datasheet HTML 299Page - ATMEL Corporation AT90USB646 Datasheet HTML 300Page - ATMEL Corporation AT90USB646 Datasheet HTML 301Page - ATMEL Corporation AT90USB646 Datasheet HTML 302Page - ATMEL Corporation AT90USB646 Datasheet HTML 303Page - ATMEL Corporation AT90USB646 Datasheet HTML 304Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 456 page
background image
300
7593L–AVR–09/12
AT90USB64/128
• 7-0 - INRQ7:0 - IN Request Number Before Freeze
Enter the number of IN transactions before the USB controller freezes the pipe. The USB con-
troller will perform (INRQ+1) IN requests before to freeze the Pipe. This counter is automatically
decreased by 1 each time a IN request has been successfully performed.
This register has no effect when the INMODE bit is set (infinite IN requests generation till the
pipe is not frozen).
• 7-6 - Reserved
The value read from these bits is always 0. Do not set these bits.
• 5 - COUNTER1:0 - Error counter
This counter is increased by the USB controller each time an error occurs on the Pipe. When this
value reaches 3, the Pipe is automatically frozen.
Clear these bits by software.
• 4 - CRC16 - CRC16 Error
Set by hardware when a CRC16 error has been detected.
Shall be cleared by software. Setting by software has no effect.
• 3 - TIMEOUT - Time-out Error
Set by hardware when a time-out error has been detected.
Shall be cleared by software. Setting by software has no effect.
• 2 - PID - PID Error
Set by hardware when a PID error has been detected.
Shall be cleared by software. Setting by software has no effect.
• 1 - DATAPID - Data PID Error
Set by hardware when a data PID error has been detected.
Shall be cleared by software. Setting by software has no effect.
• 0 - DATATGL - Bad Data Toggle
Set by hardware when a data toggle error has been detected.
Shall be cleared by software. Setting by software has no effect.
Bit
7
654
321
0
INRQ7
INRQ6
INRQ5
INRQ4
INRQ3
INRQ2
INRQ1
INRQ0
UPINRQX
Read/write
RW
RW
RW
RW
RW
RW
RW
RW
Initial value
0
000
000
0
Bit
7
6
5
43
21
0
-
COUNTER1:0
CRC16
TIMEOUT
PID
DATAPID DATATGL
UPERRX
Read/write
RW
RW
RW
RW
RW
RW
RW
Initial value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com