Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 265 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 265 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation AT90USB646 Datasheet HTML 267Page - ATMEL Corporation AT90USB646 Datasheet HTML 268Page - ATMEL Corporation AT90USB646 Datasheet HTML 269Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 456 page
background image
265
7593L–AVR–09/12
AT90USB64/128
ADDEN is cleared by hardware:
• after a power-up reset
• when an USB reset is received
•or when the macro is disabled (USBE cleared)
When this bit is cleared, the default device address 00h is used.
23.8
Suspend, wake-up and resume
After a period of 3ms during which the USB line was inactive, the controller switches to the full-
speed mode and triggers (if enabled) the SUSPI (suspend) interrupt. The firmware may then set
the FRZCLK bit.
The CPU can also, depending on software architecture, enter in the idle mode to lower again the
power consumption.
There are two ways to recover from the “Suspend” mode:
• First one is to clear the FRZCLK bit. This is possible if the CPU is not in the Idle mode
• Second way, if the CPU is “idle”, is to enable the WAKEUPI interrupt (WAKEUPE set). Then,
as soon as an non-idle signal is seen by the controller, the WAKEUPI interrupt is triggered.
The firmware shall then clear the FRZCLK bit to restart the transfer
There are no relationship between the SUSPI interrupt and the WAKEUPI interrupt: the WAKE-
UPI interrupt is triggered as soon as there are non-idle patterns on the data lines. Thus, the
WAKEUPI interrupt can occurs even if the controller is not in the “suspend” mode.
When the WAKEUPI interrupt is triggered, if the SUSPI interrupt bit was already set, it is cleared
by hardware.
When the SUSPI interrupt is triggered, if the WAKEUPI interrupt bit was already set, it is cleared
by hardware.
23.9
Detach
The reset value of the DETACH bit is 1.
It is possible to re-enumerate a device, simply by setting and clearing the DETACH bit.
• Setting DETACH will disconnect the pull-up on the D+ or D- pad (depending on full or low
speed mode selected). Then, clearing DETACH will connect the pull-up on the D+ or D- pad
Figure 23-3. Detach a device in full-speed.
EN=1
D +
UVREF
D -
Detach, then
Attach
EN=1
D +
UVREF
D -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com