Electronic Components Datasheet Search
  English  ▼

X  

AT90USB646 Datasheet(PDF) 263 Page - ATMEL Corporation

Part # AT90USB646
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB646 Datasheet(HTML) 263 Page - ATMEL Corporation

Back Button AT90USB646 Datasheet HTML 259Page - ATMEL Corporation AT90USB646 Datasheet HTML 260Page - ATMEL Corporation AT90USB646 Datasheet HTML 261Page - ATMEL Corporation AT90USB646 Datasheet HTML 262Page - ATMEL Corporation AT90USB646 Datasheet HTML 263Page - ATMEL Corporation AT90USB646 Datasheet HTML 264Page - ATMEL Corporation AT90USB646 Datasheet HTML 265Page - ATMEL Corporation AT90USB646 Datasheet HTML 266Page - ATMEL Corporation AT90USB646 Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 456 page
background image
263
7593L–AVR–09/12
AT90USB64/128
• the UEINTX, UESTA0X and UESTA1X are restored to their reset value
The data toggle field remains unchanged.
The other registers remain unchanged.
The endpoint configuration remains active and the endpoint is still enabled.
The endpoint reset may be associated with a clear of the data toggle command (RSTDT bit) as
an answer to the CLEAR_FEATURE USB command.
23.4
USB reset
When an USB reset is detected on the USB line, the next operations are performed by the
controller:
• all the endpoints are disabled
• the default control endpoint remains configured (see Section 23.3, page 262 for more details)
23.5
Endpoint selection
Prior to any operation performed by the CPU, the endpoint must first be selected. This is done
by setting the EPNUM2:0 bits (UENUM register) with the endpoint number which will be man-
aged by the CPU.
The CPU can then access to the various endpoint registers and data.
23.6
Endpoint activation
The endpoint is maintained under reset as long as the EPEN bit is not set.
The following flow must be respected in order to activate an endpoint:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com