Electronic Components Datasheet Search
  English  ▼

X  

AD9754AR Datasheet(PDF) 7 Page - Analog Devices

Part # AD9754AR
Description  14-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9754AR Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9754AR Datasheet HTML 3Page - Analog Devices AD9754AR Datasheet HTML 4Page - Analog Devices AD9754AR Datasheet HTML 5Page - Analog Devices AD9754AR Datasheet HTML 6Page - Analog Devices AD9754AR Datasheet HTML 7Page - Analog Devices AD9754AR Datasheet HTML 8Page - Analog Devices AD9754AR Datasheet HTML 9Page - Analog Devices AD9754AR Datasheet HTML 10Page - Analog Devices AD9754AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9754
–7–
REV. A
Typical AC Characterization Curves
(AVDD = +5 V, DVDD = +3 V, IOUTFS = 20 mA, 50
Doubly Terminated Load, Differential Output, TA = +25 C, SFDR up to Nyquist, unless
otherwise noted)
fOUT – MHz
90
80
40
0.1
100
110
60
70
5MSPS
25MSPS
65MSPS
50MSPS
125MSPS
50
Figure 3. SFDR vs. fOUT @ 0 dBFS
fOUT – MHz
90
40
05
30
10
15
20
80
70
60
0dBFS
–6dBFS
–12dBFS
25
50
Figure 6. SFDR vs. fOUT @ 65 MSPS
AOUT – dBFS
90
40
85
75
80
70
65
55
60
50
45
–30
–25
0
–20
–15
–10
–5
455kHz
@5MSPS
2.27MHz
@25MSPS
59.1MHz
@65MSPS
11.37MHz
@125MSPS
Figure 9. Single-Tone SFDR vs. AOUT
@ fOUT = fCLOCK/11
FREQUENCY – MHz
85
40
0.0
2.0
0.4
0.8
1.2
1.6
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
50
45
90
Figure 4. SFDR vs. fOUT @ 5 MSPS
fOUT – MHz
90
40
010
50
20
30
40
80
70
60
0dBFS
–6dBFS
–12dBFS
50
60
Figure 7. SFDR vs. fOUT @125 MSPS
AOUT – dBFS
100
40
90
70
80
50
60
–30
–25
0
–20
–15
–10
–5
1MHz
@5MSPS
5MHz
@25MSPS
25MHz
@125MSPS
13MHz
@65MSPS
Figure 10. Single-Tone SFDR vs.
AOUT @ fOUT = fCLOCK/5
FREQUENCY – MHz
90
95
02
46
8
10
80
75
70
60
55
65
0dBFS
–6dBFS
–12dBFS
50
45
85
Figure 5. SFDR vs. fOUT @ 25 MSPS
80
10mA FS
fOUT – MHz
90
40
0
212
468
10
60
50
70
20mA FS
5mA FS
Figure 8. SFDR vs. fOUT and
IOUTFS @ 25 MSPS and 0 dBFS
fCLOCK – MSPS
85
60
0
40
140
60
80
100
120
80
70
75
65
20
20mA FS
5mA FS
10mA FS
Figure 11. SNR vs. fCLOCK and IOUTFS
@ fOUT = 2 MHz and 0 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com