Electronic Components Datasheet Search
  English  ▼

X  

AD9754AR Datasheet(PDF) 18 Page - Analog Devices

Part # AD9754AR
Description  14-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9754AR Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9754AR Datasheet HTML 14Page - Analog Devices AD9754AR Datasheet HTML 15Page - Analog Devices AD9754AR Datasheet HTML 16Page - Analog Devices AD9754AR Datasheet HTML 17Page - Analog Devices AD9754AR Datasheet HTML 18Page - Analog Devices AD9754AR Datasheet HTML 19Page - Analog Devices AD9754AR Datasheet HTML 20Page - Analog Devices AD9754AR Datasheet HTML 21Page - Analog Devices AD9754AR Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD9754
–18–
REV. A
APPLICATIONS
VDSL Applications Using the AD9754
Very High Frequency Digital Subscriber Line (VDSL) technol-
ogy is growing rapidly in applications requiring data transfer
over relatively short distances. By using QAM modulation and
transmitting the data in multiple discrete tones, high data rates
can be achieved.
As with other multitone applications, each VDSL tone is ca-
pable of transmitting a given number of bits, depending on the
signal to noise ratio (SNR) in a narrow band around that tone.
The tones are evenly spaced over the range of several kHz to
10 MHz. At the high frequency end of this range, performance
is generally limited by cable characteristics and environmental
factors, such as external interferers. Performance at the lower
frequencies is much more dependent on the performance of the
components in the signal chain. In addition to in-band noise,
intermodulation from other tones can also potentially interfere
with the recovery of data for a given tone. The two graphs in
Figure 35 represent a 500 tone missing bin test vector, with
frequencies evenly spaced from 400 Hz to 10 MHz. This test is
very commonly done to determine if distortion will limit the
number of bits which can transmitted in a tone. The test vector
has a series of missing tones around 750 kHz, which is represented
in Figure 35a, and a series of missing tones around 5 MHz,
which is represented in Figure 35b. In both cases, the spurious
free range between the transmitted tones and the empty bins is
greater than 60 dB.
FREQUENCY – Hz
–30
–50
–110
–70
–90
600k
800k
1.0M
–40
–60
–80
–100
Figure 35a. Notch in missing bin at 750 kHz is down
>60 dB. Peak amplitude = 0 dBm.
FREQUENCY – MHz
–30
–50
–110
–70
–90
4.8
5.0
5.2
–40
–60
–80
–100
Figure 35b. Notch in missing bin at 5 MHz is down
>60 dB. Peak amplitude = 0 dBm.
CDMA
Carrier Division Multiple Access, or CDMA, is an air transmit/
receive scheme where the signal in the transmit path is modu-
lated with a pseudorandom digital code (sometimes referred to
as the spreading code). The effect of this is to spread the trans-
mitted signal across a wide spectrum. Similar to a DMT wave-
form, a CDMA waveform containing multiple subscribers can
be characterized as having a high peak to average ratio (i.e.,
crest factor), thus demanding highly linear components in the
transmit signal path. The bandwidth of the spectrum is defined
by the CDMA standard being used, and in operation is imple-
mented by using a spreading code with particular characteristics.
Distortion in the transmit path can lead to power being trans-
mitted out of the defined band. The ratio of power transmitted
in-band to out-of-band is often referred to as Adjacent Channel
Power (ACP). This is a regulatory issue due to the possibility of
interference with other signals being transmitted by air. Regula-
tory bodies define a spectral mask outside of the transmit band,
and the ACP must fall under this mask. If distortion in the
transmit path cause the ACP to be above the spectral mask,
then filtering, or different component selection is needed to
meet the mask requirements.
Figure 36 shows an example of the AD9754 used in a W-CDMA
transmitter application using the AD6122 CDMA 3 V transmit-
ter IF subsystem. The AD6122 has functions, such as external
gain control and low distortion characteristics, needed for the
superior Adjacent Channel Power (ACP) requirements of
WCDMA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com