Electronic Components Datasheet Search
  English  ▼

X  

AD9754AR Datasheet(PDF) 19 Page - Analog Devices

Part # AD9754AR
Description  14-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9754AR Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9754AR Datasheet HTML 15Page - Analog Devices AD9754AR Datasheet HTML 16Page - Analog Devices AD9754AR Datasheet HTML 17Page - Analog Devices AD9754AR Datasheet HTML 18Page - Analog Devices AD9754AR Datasheet HTML 19Page - Analog Devices AD9754AR Datasheet HTML 20Page - Analog Devices AD9754AR Datasheet HTML 21Page - Analog Devices AD9754AR Datasheet HTML 22Page - Analog Devices AD9754AR Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD9754
–19–
REV. A
Figure 37 shows the AD9754 reconstructing a wideband, or
W-CDMA test vector with a bandwidth of 5 MHz, centered at
15.625 MHz and being sampled at 62.5 MSPS. ACP for the
given test vector is measured at 70 dB.
FREQUENCY – MHz
–30
–50
–110
–70
–90
13.125
15.625
18.125
–40
–60
–80
–100
–20
–120
Figure 37. CDMA Signal, Sampled at 65 MSPS, Adjacent
Channel Power >70 dB
AD9754 EVALUATION BOARD
General Description
The AD9754-EB is an evaluation board for the AD9754 14-bit
DAC converter. Careful attention to layout and circuit design,
combined with a prototyping area, allows the user to easily and
effectively evaluate the AD9754 in any application where high
resolution, high speed conversion is required.
This board allows the user the flexibility to operate the AD9754
in various configurations. Possible output configurations in-
clude transformer coupled, resistor terminated, inverting/
noninverting and differential amplifier outputs. The digital inputs
are designed to be driven directly from various word generators
with the onboard option to add a resistor network for proper
load termination. Provisions are also made to operate the
AD9754 with either the internal or external reference or to
exercise the power-down feature.
Refer to the application note AN-420 for a thorough description
and operating instructions for the AD9754 evaluation board.
AD9754
(“I DAC”)
AD9754
(“Q DAC”)
IOUTA
IOUTB
QOUTA
QOUTB
DCOM
FSADJ
REFIO
SLEEP
RSET2
1.9k
0.1 F
CLK
Q DATA
INPUT
I DATA
INPUT
DVDD
AVDD
100W
500
100
CFILTER
100
500
500
500
500
500
500
634
+3V
IIPP
IIPN
IIQP
IIQN
AD6122
REFLO
ACOM
REFLO
AVDD
REFIO
FSADJ
RSET1
2k
RCAL
220
U1
U2
AVDD
LATCHES
500
DAC
DAC
LATCHES
100
2
TEMPERATURE
COMPENSATION
GAIN
CONTROL
SCALE
FACTOR
REFIN
VGAIN
GAIN
CONTROL
LOIPP
LOIPN
TXOPP
TXOPN
VCC
VCC
PHASE
SPLITTER
MODOPP
MODOPN
Figure 36. CDMA Transmit Application Using AD9754



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com